Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-BF504 Datasheet(PDF) 59 Page - Analog Devices

Part # ADSP-BF504
Description  Blackfin Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF504 Datasheet(HTML) 59 Page - Analog Devices

Back Button ADSP-BF504 Datasheet HTML 55Page - Analog Devices ADSP-BF504 Datasheet HTML 56Page - Analog Devices ADSP-BF504 Datasheet HTML 57Page - Analog Devices ADSP-BF504 Datasheet HTML 58Page - Analog Devices ADSP-BF504 Datasheet HTML 59Page - Analog Devices ADSP-BF504 Datasheet HTML 60Page - Analog Devices ADSP-BF504 Datasheet HTML 61Page - Analog Devices ADSP-BF504 Datasheet HTML 62Page - Analog Devices ADSP-BF504 Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 80 page
background image
Preliminary Technical Data
Rev. PrC
|
Page 59 of 80
|
January 2010
ADSP-BF504/F,ADSP-BF506F
Figure 62. Linearity Error vs. VREF
Figure 63. Effective Number of Bits vs. VREF
Figure 64. VREF vs. Reference Output Current Drive
VREF (V)
2.5
0
0.5
1.0
1.5
2.0
1.0
0.6
0.8
0.2
0.4
–0.2
0
–0.6
–0.4
–1.0
–0.8
VDD = 3V/5V
DIFFERENTIAL MODE
POSITIVE INL
POSITIVE DNL
NEGATIVE DNL
NEGATIVE INL
VREF (V)
5.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
12.0
11.0
11.5
10.0
10.5
9.0
9.5
8.0
7.5
8.5
7.0
VDD = 5V
DIFFERENTIAL MODE
VDD = 3V
DIFFERENTIAL MODE
VDD = 3V
SINGLE-ENDED MODE
VDD = 5V
SINGLE-ENDED MODE
CURRENT LOAD ( A)
200
0
20
40
60
80
100
120
140
160
180
2.5010
2.5000
2.5005
2.4995
2.4990
2.4985
2.4980
Figure 65. Histogram of Codes for 10k Samples in Differential Mode
Figure 66. Histogram of Codes for 10k Samples in Single-Ended Mode
Figure 67. CMRR vs. Common-Mode Ripple Frequency
CODE
2046
2047
2049
2048
2050
10000
8000
9000
6000
7000
4000
5000
2000
1000
3000
0
10000
CODES
DIFFERENTIAL
MODE
INTERNAL
REFERENCE
CODE
2046
2047
2048
2049
2050
10000
9000
8000
7000
6000
5000
4000
3000
2000
1000
0
9984
CODES
SINGLE-ENDED
MODE
INTERNAL
REFERENCE
5 CODES
11 CODES
RIPPLE FREQUENCY (kHz)
1200
0
200
400
600
800
1000
–60
–65
–70
–75
–80
–85
–95
–90
–100
DIFFERENTIAL MODE
VDD = 3V/5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com