Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-BF504 Datasheet(PDF) 73 Page - Analog Devices

Part # ADSP-BF504
Description  Blackfin Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF504 Datasheet(HTML) 73 Page - Analog Devices

Back Button ADSP-BF504 Datasheet HTML 69Page - Analog Devices ADSP-BF504 Datasheet HTML 70Page - Analog Devices ADSP-BF504 Datasheet HTML 71Page - Analog Devices ADSP-BF504 Datasheet HTML 72Page - Analog Devices ADSP-BF504 Datasheet HTML 73Page - Analog Devices ADSP-BF504 Datasheet HTML 74Page - Analog Devices ADSP-BF504 Datasheet HTML 75Page - Analog Devices ADSP-BF504 Datasheet HTML 76Page - Analog Devices ADSP-BF504 Datasheet HTML 77Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 80 page
background image
Preliminary Technical Data
Rev. PrC
|
Page 73 of 80
|
January 2010
ADSP-BF504/F,ADSP-BF506F
Table 53. 120-Lead LQFP Lead Assignment (Numerically by Lead Number)
No.
Signal
No.
Signal
No.
Signal
No.
Signal
1VDDEXT
31
PG3
61
VDDINT
91
VB2
2
PF2
32
PG4
62
VDDEXT
92
VB1
3PF4
33
TDI
63
VDDFLASH
93
AGND
4PF3
34
TCK
64
VDDEXT
94
DCAPB
5
PF5
35
TMS
65
VDDINT
95
RANGE
6VDDEXT
36
TDO
66
VDDEXT
96
SGL/DIFF
7PF6
37
TRST
67
VDDEXT
97
A2
8
PF7
38
PG5
68
EMU
98
A1
9
PF8
39
PG6
69
VDDFLASH
99
AGND
10
PF9
40
PG7
70
EXT_WAKE
100
A0
11
NMI
41
VDDEXT
71
PG
101
CS
12
RESET
42
VDDINT
72
NC
102
ADSCLK
13
GND
43
PG8
73
AGND
103
DOUTB
14
PF10
44
PG9
74
DGND
104
DGND
15
VDDEXT
45
PG10
75
REF_SELECT
105
DOUTA
16
PF11
46
PG11
76
AVDD
106
VDRIVE
17
GND
47
PG12
77
DCAPA107
DVDD
18
PF12
48
PG13
78
AGND
108
GND
19
PF13
49
PG14
79
AGND
109
GND
20
VDDEXT
50
PG15
80
VA1
110
CLKIN
21
PF14
51
VDDEXT
81
VA2
111
XTAL
22
PF15
52
VDDINT
82
AGND
112
VDDEXT
23
VDDEXT
53
VDDINT
83
VA3
113
PH0
24
VDDINT
54
SDA
84
VA4
114
PH2
25
VDDFLASH
55
SCL
85
VA5
115
PH1
26
VDDEXT
56
BMODE2
86
VA6
116
VDDEXT
27
PG0
57
BMODE1
87
VB6
117
VDDINT
28
PG1
58
BMODE0
88
VB5
118
PF0
29
PG2
59
VDDEXT
89
VB4
119
PF1
30
VDDEXT
60
NC
90
VB3
120
EXTCLK
121*
GND
122
**
AGND
* Pin no. 121 is the GND supply (see Figure 95 and Figure 96) for the processor (4.6mm × 6.17mm); this pad must connect to GND.
** Pin no. 122 is the AGND supply (see Figure 95 and Figure 96) for the ADC (2.81mm × 2.81mm); this pad must connect to AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com