Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-BF504 Datasheet(PDF) 19 Page - Analog Devices

Part # ADSP-BF504
Description  Blackfin Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF504 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADSP-BF504 Datasheet HTML 15Page - Analog Devices ADSP-BF504 Datasheet HTML 16Page - Analog Devices ADSP-BF504 Datasheet HTML 17Page - Analog Devices ADSP-BF504 Datasheet HTML 18Page - Analog Devices ADSP-BF504 Datasheet HTML 19Page - Analog Devices ADSP-BF504 Datasheet HTML 20Page - Analog Devices ADSP-BF504 Datasheet HTML 21Page - Analog Devices ADSP-BF504 Datasheet HTML 22Page - Analog Devices ADSP-BF504 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 80 page
background image
Preliminary Technical Data
Rev. PrC
|
Page 19 of 80
|
January 2010
ADSP-BF504/F,ADSP-BF506F
NOTE:
The SPORT must be enabled with the following set-
tings: external clock, external frame sync, and active low frame
sync.
To implement the power-down modes, SLEN should be set to
1001 to issue an 8-bit SCLK burst. A Blackfin driver for the
ADC is available to download at www.analog.com.
INTERNAL ADC
An ADC is integrated into the ADSP-BF506F product. All ADC
signals are connected out to package pins to enable maximum
interconnect flexibility in mixed signal applications.
The internal ADC is a dual, 12-bit, high speed, low power, suc-
cessive approximation ADC that operates from a single 2.7 V to
5.25 V power supply and features throughput rates up to
2 MSPS. The device contains two ADCs, each preceded by a
3-channel multiplexer, and a low noise, wide bandwidth track-
and-hold amplifier that can handle input frequencies in excess
of 30 MHz.
Figure 8 shows the functional block diagram of the internal
ADC. The ADC features include:
• Dual 12-bit, 3-channel ADC
• Throughput rate: up to 2 MSPS
• Specified for DVDD and AVDD of 2.7 V to 5.25 V
• Pin-configurable analog inputs
• 12-channel single-ended inputs
or
• 6-channel fully differential inputs
or
• 6-channel pseudo differential inputs
• Accurate on-chip voltage reference: 2.5 V
• Dual conversion with read 437.5 ns, 32 MHz ADSCLK
• High speed serial interface
•SPI
®-/QSPITM-/MICROWIRETM-/DSP-compatible
•Low power shutdown mode
The conversion process and data acquisition use standard con-
trol inputs allowing easy interfacing to microprocessors or
DSPs. The input signal is sampled on the falling edge of CS; con-
version is also initiated at this point. The conversion time is
determined by the ADSCLK frequency. There are no pipelined
delays associated with the part.
The internal ADC uses advanced design techniques to achieve
very low power dissipation at high throughput rates. The part
also offers flexible power/ throughput rate management when
operating in normal mode as the quiescent current consump-
tion is so low.
The analog input range for the part can be selected to be a 0 V to
VREF (or 2 × VREF) range, with either straight binary or twos
complement output coding. The internal ADC has an on-chip
2.5 V reference that can be overdriven when an external refer-
ence is preferred.
Additional highlights of the internal ADC include:
• Two Complete ADC Functions Allow Simultaneous Sam-
pling and Conversion of Two Channels — Each ADC has
three fully/pseudo differential pairs, or six single-ended
channels, as programmed. The conversion result of both
channels is simultaneously available on separate data lines,
or in succession on one data line if only one serial connec-
tion is available.
• High Throughput with Low Power Consumption
• The internal ADC offers both a standard 0 V to VREF input
range and a 2 × VREF input range.
• No Pipeline Delay — The part features two standard suc-
cessive approximation ADCs with accurate control of the
sampling instant via a CS input and once off conversion
control.
Table 10. The SPORTx Receive Configuration 2 Register
(SPORTx_RCR2)
Setting
Description
RXSE = 1
Secondary side enabled
SLEN = 1111
16-bit data-word (or may be set to 1101 for
14-bit data-word)
Figure 8. ADC (Internal) Functional Block Diagram
12-BIT
SUCCESSIVE
APPROXIMATION
ADC
DOUTA
OUTPUT
DRIVERS
CONTROL
LOGIC
T/H
BUF
VA1
VA2
VA3
VA4
VA5
VA6
MUX
REF
ADC
VDRIVE
REF SELECT
DCAPA
AVDD
DVDD
BUF
DOUTB
OUTPUT
DRIVERS
12-BIT
SUCCESSIVE
APPROXIMATION
ADC
T/H
VB1
VB2
VB3
VB4
VB5
VB6
MUX
AGND AGND AGND DCAPB
DGND
DGND
CS
ADSCLK
RANGE
SGL/DIFF
A0
A1
A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com