Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-BF504 Datasheet(PDF) 18 Page - Analog Devices

Part # ADSP-BF504
Description  Blackfin Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF504 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADSP-BF504 Datasheet HTML 14Page - Analog Devices ADSP-BF504 Datasheet HTML 15Page - Analog Devices ADSP-BF504 Datasheet HTML 16Page - Analog Devices ADSP-BF504 Datasheet HTML 17Page - Analog Devices ADSP-BF504 Datasheet HTML 18Page - Analog Devices ADSP-BF504 Datasheet HTML 19Page - Analog Devices ADSP-BF504 Datasheet HTML 20Page - Analog Devices ADSP-BF504 Datasheet HTML 21Page - Analog Devices ADSP-BF504 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 80 page
background image
Rev. PrC
|
Page 18 of 80
|
January 2010
ADSP-BF504/F,ADSP-BF506F
Preliminary Technical Data
To use these emulators, the target board must include a header
that connects the processor’s JTAG port to the emulator.
For details on target board design issues including mechanical
layout, single processor connections, multiprocessor scan
chains, signal buffering, signal termination, and emulator pod
logic, see (EE-68) Analog Devices JTAG Emulation Technical
Reference on the Analog Devices website (www.analog.com)—
use site search on “EE-68.” This document is updated regularly
to keep pace with improvements to emulator support.
ADC AND ACM INTERFACE
This section describes the ADC and ACM interface. System
designers should also consult the ADSP-BF50x Blackfin Proces-
sor Hardware Reference for additional information.
The ADC control module (ACM) provides an interface that
synchronizes the controls between the processor and the inter-
nal analog-to-digital converter (ADC) module. The ACM is
available on the ADSP-BF504, ADSP-BF504F, and
ADSP-BF506F processors, and the ADC is available on the
ADSP-BF506F processor only. The analog-to-digital conver-
sions are initiated by the processor, based on external or
internal events.
The ACM allows for flexible scheduling of sampling instants
and provides precise sampling signals to the ADC.
The ACM synchronizes the ADC conversion process; generat-
ing the ADC controls, the ADC conversion start signal, and
other signals. The actual data acquisition from the ADC is done
by the SPORT peripherals.
The serial interface on the ADC allows the part to be directly
connected to the ADSP-BF504, ADSP-BF504F, and
ADSP-BF506F processors using serial interface protocols.
Figure 6 shows how to connect an external ADC to the ACM
and one of the two SPORTs on the ADSP-BF504 or
ADSP-BF504F processors.
The ADC is integrated into the ADSP-BF506F product. Figure 7
shows how to connect the internal ADC to the ACM and to one
of the two SPORTs on the ADSP-BF506F processor.
The ADSP-BF504, ADSP-BF504F, and ADSP-BF506F proces-
sors interface directly to the ADC without any glue logic
required. The availability of secondary receive registers on the
serial ports of the Blackfin processors means only one serial port
is necessary to read from both DOUT pins simultaneously.
Figure 7 (ADC (Internal), ACM, and SPORT Connections)
shows both DOUTA and DOUTB of the ADC connected to one of
the processor’s serial ports. The SPORTx Receive Configuration
1 register and SPORTx Receive Configuration 2 register should
be set up as outlined in Table 9 (The SPORTx Receive Configu-
ration 1 Register (SPORTx_RCR1)) and Table 10 (The SPORTx
Receive Configuration 2 Register (SPORTx_RCR2)).
Figure 6. ADC (External), ACM, and SPORT Connections
SPORTx
DRxSEC
DRxPRI
RCLKx
RFSx
ADC
(EXTERNAL)
DOUTB
DOUTA
ADSCLK
CS
RANGE
SGL/
DIFF
A[2:0]
ACM
CS
ACLK
ACM_RANGE
ACM_SGLDIFF
ACM_A[2:0]
ADSP-BF504 / ADSP-BF504F
SPORT
SELECT
MUX
Figure 7. ADC (Internal), ACM, and SPORT Connections
Table 9. The SPORTx Receive Configuration 1 Register
(SPORTx_RCR1)
Setting
Description
RCKFE = 1
Sample data with rising edge of RSCLK
LRFS = 1
Active low frame signal
RFSR = 1
Frame every word
IRFS = 0
External RFS used
RLSBIT = 0
Receive MSB first
RDTYPE = 00
Zero fill
IRCLK = 0
External receive clock
RSPEN = 1
Receive enabled
TFSR = RFSR = 1
SPORTx
DRxSEC
DRxPRI
RCLKx
RFSx
ADC
(INTERNAL)
DOUTB
DOUTA
ADSCLK
CS
RANGE
SGL/
DIFF
A[2:0]
ACM
CS
ACLK
ACM_RANGE
ACM_SGLDIFF
ACM_A[2:0]
ADSP-BF506F
SPORT
SELECT
MUX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com