Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-BF504 Datasheet(PDF) 38 Page - Analog Devices

Part # ADSP-BF504
Description  Blackfin Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF504 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADSP-BF504 Datasheet HTML 34Page - Analog Devices ADSP-BF504 Datasheet HTML 35Page - Analog Devices ADSP-BF504 Datasheet HTML 36Page - Analog Devices ADSP-BF504 Datasheet HTML 37Page - Analog Devices ADSP-BF504 Datasheet HTML 38Page - Analog Devices ADSP-BF504 Datasheet HTML 39Page - Analog Devices ADSP-BF504 Datasheet HTML 40Page - Analog Devices ADSP-BF504 Datasheet HTML 41Page - Analog Devices ADSP-BF504 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 80 page
background image
Rev. PrC
|
Page 38 of 80
|
January 2010
ADSP-BF504/F,ADSP-BF506F
Preliminary Technical Data
Serial Ports
Table 28 through Table 31 on Page 40 and Figure 18 on Page 39
through Figure 20 on Page 40 describe serial port operations.
Table 28. Serial Ports—External Clock
Parameter
V
DDEXT = 1.8 V
V
DDEXT = 2.5/3.3 V
Min
Max
Min
Max
Unit
Timing Requirements
tSFSE
TFSx/RFSx Setup Before TSCLKx/RSCLKx
1
3.0
3.0
ns
tHFSE
TFSx/RFSx Hold After TSCLKx/RSCLKx
1
3.0
3.0
ns
tSDRE
Receive Data Setup Before RSCLKx
1,2
3.0
3.0
ns
tHDRE
Receive Data Hold After RSCLKx1,2
3.6
3.6
ns
tSCLKEW
TSCLKx/RSCLKx Width
5.4
5.4
ns
tSCLKE
TSCLKx/RSCLKx Period
18.0
18.0
ns
Switching Characteristics
tDFSE
TFSx/RFSx Delay After TSCLKx/RSCLKx
(Internally Generated TFSx/RFSx)3
12.5
12.0
ns
tHOFSE
TFSx/RFSx Hold After TSCLKx/RSCLKx
(Internally Generated TFSx/RFSx)3
0.0
0.0
ns
tDDTE
Transmit Data Delay After TSCLKx3
12.5
12.0
ns
tHDTE
Transmit Data Hold After TSCLKx
3
0.0
0.0
ns
1 Referenced to sample edge.
2 When SPORT is used in conjunction with the ACM, refer to the timing requirements in Table 39 (ACM Timing).
3 Referenced to drive edge.
Table 29. Serial Ports—Internal Clock
Parameter
V
DDEXT = 1.8 V
V
DDEXT = 2.5/3.3 V
Min
Max
Min
Max
Unit
Timing Requirements
tSFSI
TFSx/RFSx Setup Before TSCLKx/RSCLKx
1
12.4
11.3
ns
tHFSI
TFSx/RFSx Hold After TSCLKx/RSCLKx
1
–1.5
–1.5
ns
tSDRI
Receive Data Setup Before RSCLKx1,2
12.4
11.3
ns
tHDRI
Receive Data Hold After RSCLKx1,2
–1.5
–1.5
ns
Switching Characteristics
tSCLKIW
TSCLKx/RSCLKx Width
5.4
5.4
ns
tSCLKI
TSCLKx/RSCLKx Period
18.0
18.0
ns
tDFSI
TFSx/RFSx Delay After TSCLKx/RSCLKx
(Internally Generated TFSx/RFSx)
3
3.0
3.0
ns
tHOFSI
TFSx/RFSx Hold After TSCLKx/RSCLKx
(Internally Generated TFSx/RFSx)3
–4.0
–4.0
ns
tDDTI
Transmit Data Delay After TSCLKx
3
3.0
3.0
ns
tHDTI
Transmit Data Hold After TSCLKx
3
–1.8
–1.8
ns
1 Referenced to sample edge.
2 When SPORT is used in conjunction with the ACM, refer to the timing requirements in Table 39 (ACM Timing).
3 Referenced to drive edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com