Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-BF504 Datasheet(PDF) 37 Page - Analog Devices

Part # ADSP-BF504
Description  Blackfin Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF504 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADSP-BF504 Datasheet HTML 33Page - Analog Devices ADSP-BF504 Datasheet HTML 34Page - Analog Devices ADSP-BF504 Datasheet HTML 35Page - Analog Devices ADSP-BF504 Datasheet HTML 36Page - Analog Devices ADSP-BF504 Datasheet HTML 37Page - Analog Devices ADSP-BF504 Datasheet HTML 38Page - Analog Devices ADSP-BF504 Datasheet HTML 39Page - Analog Devices ADSP-BF504 Datasheet HTML 40Page - Analog Devices ADSP-BF504 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 80 page
background image
Preliminary Technical Data
Rev. PrC
|
Page 37 of 80
|
January 2010
ADSP-BF504/F,ADSP-BF506F
Table 27. RSI Controller Timing (High Speed Mode)
Parameter
Min
Max
Unit
Timing Requirements
tISU
Input Setup Time
5.6
ns
tIH
Input Hold Time
2
ns
Switching Characteristics
fPP
1
Clock Frequency Data Transfer Mode
0
50
MHz
tWL
Clock Low Time
9.5
ns
tWH
Clock High Time
9.5
ns
tTLH
Clock Rise Time
3ns
tTHL
Clock Fall Time
3ns
tODLY
Output Delay Time During Data Transfer Mode
TBD
ns
tOH
Output Hold Time
2.5
ns
1 t
PP = 1/fPP
Figure 17. RSI Controller Timing (High-Speed Mode)
SD_CLK
INPUT
OUTPUT
tISU
NOTES:
1 INPUT INCLUDES SD_Dx AND SD_CMD SIGNALS.
2 OUTPUT INCLUDES SD_Dx AND SD_CMD SIGNALS.
tTHL
tTLH
tWL
tWH
tPP
tIH
tODLY
tOH
VOH (MIN)
VOL (MAX)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com