Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-BF504 Datasheet(PDF) 42 Page - Analog Devices

Part # ADSP-BF504
Description  Blackfin Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF504 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADSP-BF504 Datasheet HTML 38Page - Analog Devices ADSP-BF504 Datasheet HTML 39Page - Analog Devices ADSP-BF504 Datasheet HTML 40Page - Analog Devices ADSP-BF504 Datasheet HTML 41Page - Analog Devices ADSP-BF504 Datasheet HTML 42Page - Analog Devices ADSP-BF504 Datasheet HTML 43Page - Analog Devices ADSP-BF504 Datasheet HTML 44Page - Analog Devices ADSP-BF504 Datasheet HTML 45Page - Analog Devices ADSP-BF504 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 80 page
background image
Rev. PrC
|
Page 42 of 80
|
January 2010
ADSP-BF504/F,ADSP-BF506F
Preliminary Technical Data
Serial Peripheral Interface (SPI) Port—Slave Timing
Table 33 and Figure 22 describe SPI port slave operations.
Table 33. Serial Peripheral Interface (SPI) Port—Slave Timing
Parameter
V
DDEXT = 1.8 V
V
DDEXT = 2.5/3.3 V
Min
Max
Min
Max
Unit
Timing Requirements
tSPICHS
Serial Clock High Period
2 × tSCLK –1.5
2 × tSCLK –1.5
ns
tSPICLS
Serial Clock Low Period
2 × tSCLK –1.5
2 × tSCLK –1.5
ns
tSPICLK
Serial Clock Period
4 × tSCLK
4 × tSCLK
ns
tHDS
Last SCK Edge to SPISS Not Asserted
2 × tSCLK –1.5
2 × tSCLK –1.5
ns
tSPITDS
Sequential Transfer Delay
2 × tSCLK –1.5
2 × tSCLK –1.5
ns
tSDSCI
SPISS Assertion to First SCK Edge
2 × tSCLK –1.5
2 × tSCLK –1.5
ns
tSSPID
Data Input Valid to SCK Edge (Data Input Setup)
1.6
1.6
ns
tHSPID
SCK Sampling Edge to Data Input Invalid
1.6
1.6
ns
Switching Characteristics
tDSOE
SPISS Assertion to Data Out Active
0
12.0
0
12.0
ns
tDSDHI
SPISS Deassertion to Data High Impedance
0
8.5
0
8.5
ns
tDDSPID
SCK Edge to Data Out Valid (Data Out Delay)
10
10
ns
tHDSPID
SCK Edge to Data Out Invalid (Data Out Hold)
0
0
ns
Figure 22. Serial Peripheral Interface (SPI) Port—Slave Timing
tSPICHS
tSPICLS
tSPICLK
tHDS
tSPITDS
tSDSCI
tSPICLS
tSPICHS
tDSOE
tDDSPID
tDDSPID
tDSDHI
tHDSPID
MSB VALID
LSB VALID
MSB VALID
tSSPID
LSB
LSB
MSB
MSB
tDSDHI
tHDSPID
tDSOE
tHSPID
tSSPID
tDDSPID
LSB VALID
SPISS
(INPUT)
SCKx
(CPOL = 0)
(INPUT)
SCKx
(CPOL = 1)
(INPUT)
MISOx
(OUTPUT)
MOSIx
(INPUT)
MISOx
(OUTPUT)
MOSIx
(INPUT)
CPHA = 1
CPHA = 0
tHSPID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com