Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-BF504 Datasheet(PDF) 66 Page - Analog Devices

Part # ADSP-BF504
Description  Blackfin Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF504 Datasheet(HTML) 66 Page - Analog Devices

Back Button ADSP-BF504 Datasheet HTML 62Page - Analog Devices ADSP-BF504 Datasheet HTML 63Page - Analog Devices ADSP-BF504 Datasheet HTML 64Page - Analog Devices ADSP-BF504 Datasheet HTML 65Page - Analog Devices ADSP-BF504 Datasheet HTML 66Page - Analog Devices ADSP-BF504 Datasheet HTML 67Page - Analog Devices ADSP-BF504 Datasheet HTML 68Page - Analog Devices ADSP-BF504 Datasheet HTML 69Page - Analog Devices ADSP-BF504 Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 80 page
background image
Rev. PrC
|
Page 66 of 80
|
January 2010
ADSP-BF504/F,ADSP-BF506F
Preliminary Technical Data
required acquisition time for the next sampling instant at Point
B; therefore, the analog inputs are configured as differential for
that conversion.
The channels used for simultaneous conversions are selected via
the multiplexer address input pins, A0 to A2. The logic states of
these pins also need to be established prior to the acquisition
time; however, they may change during the conversion time
provided the mode is not changed. If the mode is changed from
fully differential to pseudo differential, for example, then the
acquisition time would start again from this point. The selected
input channels are decoded as shown in Table 51 (Analog Input
Type and Channel Selection).
The analog input range of the ADC can be selected as 0 V to
VREF or 0 V to 2 × VREF via the RANGE pin. This selection is
made in a similar fashion to that of the SGL/DIFF pin by setting
the logic state of the RANGE pin a time tacq prior to the falling
edge of CS. Subsequent to this, the logic level on this pin can be
altered after the third falling edge of ADSCLK. If this pin is tied
to a logic low, the analog input range selected is 0 V to VREF. If
this pin is tied to a logic high, the analog input range selected is
0 V to 2 × VREF.
Output Coding
The ADC output coding is set to either twos complement or
straight binary, depending on which analog input configuration
is selected for a conversion. Table 50 (ADC Output Coding)
shows which output coding scheme is used for each possible
analog input configuration.
Transfer Functions
The designed code transitions occur at successive integer LSB
values (1 LSB, 2 LSB, and so on). In single-ended mode, the LSB
size is VREF/4096 when the 0 V to VREF range is used, and the LSB
size is 2 × VREF/4096 when the 0 V to 2 × VREF range is used. In
differential mode, the LSB size is 2 × VREF /4096 when the 0 V to
VREF range is used, and the LSB size is 4 × VREF/4096 when the 0
V to 2 × VREF range is used. The ideal transfer characteristic for
the ADC when straight binary coding is output is shown in
Figure 84 (Straight Binary Transfer Characteristic), and the
ideal transfer characteristic for the ADC when twos comple-
ment coding is output is shown in Figure 85 (Twos
Complement Transfer Characteristic with VREF ± VREF Input
Range) (this is shown with the 2 × VREF range).
Figure 83. Selecting Differential or Single-Ended Configuration
ADSCLK
CS
114
14
1
A
SGL/DIFF
B
tACQ
Table 50. ADC Output Coding
SGL/DIFF
RANGE
Output Coding
0
(Differential Input)
0
(0 V to VREF)
Twos complement
0
(Differential Input)
1
(0 V to 2 × VREF)
Twos complement
1
(Single-Ended Input)
0
(0 V to VREF)
Straight binary
1
(Single-Ended Input)
1
(0 V to2 × VREF)
Twos complement
0
(Pseudo-Differential Input)
0
(0 V to VREF)
Straight binary
0
(Pseudo-Differential Input)
1
(0 V to 2 × VREF)
Twos complement
Table 51. Analog Input Type and Channel Selection
ADC A
ADC B
SGL/DIFF
A2
A1
A0
VIN+
VIN–
VIN+
VIN–
Comment
1
000VA1
AGND
VB1
AGND
Single ended
1
001VA2
AGND
VB2
AGND
Single ended
1
010VA3
AGND
VB3
AGND
Single ended
1
011VA4
AGND
VB4
AGND
Single ended
1
100VA5
AGND
VB5
AGND
Single ended
1
101VA6
AGND
VB6
AGND
Single ended
0
000VA1
VA2
VB1
VB2
Fully differential
0
001VA1
VA2
VB1
VB2
Pseudo differential
0
010VA3
VA4
VB3
VB4
Fully differential
0
011VA3
VA4
VB3
VB4
Pseudo differential
0
100VA5
VA6
VB5
VB6
Fully differential
0
101VA5
VA6
VB5
VB6
Pseudo differential



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com