Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-BF504 Datasheet(PDF) 26 Page - Analog Devices

Part # ADSP-BF504
Description  Blackfin Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF504 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADSP-BF504 Datasheet HTML 22Page - Analog Devices ADSP-BF504 Datasheet HTML 23Page - Analog Devices ADSP-BF504 Datasheet HTML 24Page - Analog Devices ADSP-BF504 Datasheet HTML 25Page - Analog Devices ADSP-BF504 Datasheet HTML 26Page - Analog Devices ADSP-BF504 Datasheet HTML 27Page - Analog Devices ADSP-BF504 Datasheet HTML 28Page - Analog Devices ADSP-BF504 Datasheet HTML 29Page - Analog Devices ADSP-BF504 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 80 page
background image
Rev. PrC
|
Page 26 of 80
|
January 2010
ADSP-BF504/F,ADSP-BF506F
Preliminary Technical Data
ADSP-BF50x Clock Related Operating Conditions
Table 14 describes the core clock timing requirements for the
ADSP-BF50x processors. Take care in selecting MSEL, SSEL,
and CSEL ratios so as not to exceed the maximum core clock
and system clock (see Table 16). Table 15 describes phase-
locked loop operating conditions.
Table 14. Core Clock (CCLK) Requirements—ADSP-BF50x Processors—All Speed Grades1
Parameter
Maximum
Unit
fCCLK
Core Clock Frequency (VDDINT =tbd V Minimum)
400
MHz
fCCLK
Core Clock Frequency (VDDINT =tbd V Minimum)
TBD
MHz
fCCLK
Core Clock Frequency (VDDINT = tbd V Minimum)
TBD
MHz
fCCLK
Core Clock Frequency (VDDINT = tbd V Minimum)
TBD
MHz
fCCLK
Core Clock Frequency (VDDINT = tbd V Minimum)
TBD
MHz
1 See the Ordering Guide on Page 79.
Table 15. Phase-Locked Loop Operating Conditions
Parameter
Minimum
Maximum
Unit
fVCO
Voltage Controlled Oscillator (VCO) Frequency
72
Speed Grade
1
MHz
1 See the Ordering Guide on Page 79.
Table 16. Maximum SCLK Conditions for ADSP-BF50x Processors
Parameter
VDDEXT = 1.8 V/2.5 V/3.3 V Nominal Unit
f
SCLK
CLKOUT/SCLK Frequency (V
DDINT
≥ tbd V)
100
MHz
f
SCLK
CLKOUT/SCLK Frequency (V
DDINT
< tbd V)
TBD
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com