Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-BF504 Datasheet(PDF) 28 Page - Analog Devices

Part # ADSP-BF504
Description  Blackfin Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF504 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADSP-BF504 Datasheet HTML 24Page - Analog Devices ADSP-BF504 Datasheet HTML 25Page - Analog Devices ADSP-BF504 Datasheet HTML 26Page - Analog Devices ADSP-BF504 Datasheet HTML 27Page - Analog Devices ADSP-BF504 Datasheet HTML 28Page - Analog Devices ADSP-BF504 Datasheet HTML 29Page - Analog Devices ADSP-BF504 Datasheet HTML 30Page - Analog Devices ADSP-BF504 Datasheet HTML 31Page - Analog Devices ADSP-BF504 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 80 page
background image
Rev. PrC
|
Page 28 of 80
|
January 2010
ADSP-BF504/F,ADSP-BF506F
Preliminary Technical Data
IDDFLASH4
Flash Memory Supply Current 4
— Automatic Standby
15
50
μA
IDDFLASH5
Flash Memory Supply Current 5
— Program
15
40
mA
Flash Memory Supply Current 5
— Erase
15
40
mA
IDDFLASH6
Flash Memory Supply Current 6
— Dual Operations
Program/Erase in one bank,
asynchronous read in
another bank
25
60
mA
Program/Erase in one bank,
synchronous read in another
bank
43
70
mA
IDDFLASH7
Flash Memory Supply Current 7
— Program/Erase Suspended (Standby)
15
50
μA
1 Applies to input pins.
2 Applies to JTAG input pins (TCK, TDI, TMS, TRST).
3 Applies to three-statable pins.
4 Applies to bidirectional pins SCL and SDA.
5 Applies to all signal pins.
6 Guaranteed, but not tested.
7 See the ADSP-BF50x Blackfin Processor Hardware Reference Manual for definition of sleep, deep sleep, and hibernate operating modes.
8 Applies to VDDEXT supply only. Clock inputs are tied high or low.
9 Guaranteed maximum specifications.
10Unit for VDDINT is V (Volts). Unit for fSCLK is MHz. Example: TBD V, TBD MHz would be TBD x TBD x TBD = TBD mA adder.
11See the ADSP-BF50x Blackfin Processor Hardware Reference Manual for definition of NORCLK.
Parameter
Test Conditions
Min
Typical
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com