Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-BF504 Datasheet(PDF) 24 Page - Analog Devices

Part # ADSP-BF504
Description  Blackfin Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF504 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADSP-BF504 Datasheet HTML 20Page - Analog Devices ADSP-BF504 Datasheet HTML 21Page - Analog Devices ADSP-BF504 Datasheet HTML 22Page - Analog Devices ADSP-BF504 Datasheet HTML 23Page - Analog Devices ADSP-BF504 Datasheet HTML 24Page - Analog Devices ADSP-BF504 Datasheet HTML 25Page - Analog Devices ADSP-BF504 Datasheet HTML 26Page - Analog Devices ADSP-BF504 Datasheet HTML 27Page - Analog Devices ADSP-BF504 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 80 page
background image
Rev. PrC
|
Page 24 of 80
|
January 2010
ADSP-BF504/F,ADSP-BF506F
Preliminary Technical Data
DOUTA, DOUTB
O
Serial Data Outputs. The data output is supplied to each pin as a serial data stream. The bits are clocked
out on the falling edge of the ADSCLK input and 14 ADSCLKs are required to access the data. The data
simultaneously appears on both pins from the simultaneous conversions of both ADCs. The data stream
consists of two leading zeros followed by the 12 bits of conversion data. The data is provided MSB first.
If CS is held low for 16 ADSCLK cycles rather than 14, then two trailing zeros will appear after the 12 bits
of data. If CS is held low for a further 16 ADSCLK cycles on either DOUTA or DOUTB, the data from the other
ADC follows on the DOUT pin. This allows data from a simultaneous conversion on both ADCs to be
gathered in serial format on either DOUTA or DOUTB using only one serial port. For more information, see
the ADC — Serial Interface section.
VDRIVE
P
Logic Power Supply Input. The voltage supplied at this pin determines at what voltage the digital I/O
interface operates. This pin should be decoupled to DGND. The voltage at this pin may be different than
that at AVDD and DVDD but should never exceed either by more than 0.3 V.
DVDD
P
Digital Supply Voltage, 2.7 V to 5.25 V. This is the supply voltage for all digital circuitry on the internal
ADC. The DVDD and AVDD voltages should ideally be at the same potential and must not be more than
0.3 V apart even on a transient basis. This supply should be decoupled to DGND.
Table 12. ADC — Signal Descriptions (ADSP-BF506F Processor Only) (Continued)
Signal Name
Type Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com