Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-BF504 Datasheet(PDF) 14 Page - Analog Devices

Part # ADSP-BF504
Description  Blackfin Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF504 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADSP-BF504 Datasheet HTML 10Page - Analog Devices ADSP-BF504 Datasheet HTML 11Page - Analog Devices ADSP-BF504 Datasheet HTML 12Page - Analog Devices ADSP-BF504 Datasheet HTML 13Page - Analog Devices ADSP-BF504 Datasheet HTML 14Page - Analog Devices ADSP-BF504 Datasheet HTML 15Page - Analog Devices ADSP-BF504 Datasheet HTML 16Page - Analog Devices ADSP-BF504 Datasheet HTML 17Page - Analog Devices ADSP-BF504 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 80 page
background image
Rev. PrC
|
Page 14 of 80
|
January 2010
ADSP-BF504/F,ADSP-BF506F
Preliminary Technical Data
In the active mode, it is possible to disable the control input to
the PLL by setting the PLL_OFF bit in the PLL control register.
This register can be accessed with a user-callable routine in the
on-chip ROM called bfrom_SysControl(). If disabled, the PLL
control input must be re-enabled before transitioning to the
full-on or sleep modes.
For more information about PLL controls, see the “Dynamic
Power Management” chapter in the ADSP-BF50x Blackfin Pro-
cessor Hardware Reference.
Sleep Operating Mode—High Dynamic Power Savings
The sleep mode reduces dynamic power dissipation by disabling
the clock to the processor core (CCLK). The PLL and system
clock (SCLK), however, continue to operate in this mode. Typi-
cally, an external event wakes up the processor. When in the
sleep mode, asserting a wakeup enabled in the SIC_IWRx regis-
ters causes the processor to sense the value of the BYPASS bit in
the PLL control register (PLL_CTL). If BYPASS is disabled, the
processor transitions to the full on mode. If BYPASS is enabled,
the processor transitions to the active mode.
DMA accesses to L1 memory are not supported in sleep mode.
Deep Sleep Operating Mode—Maximum Dynamic Power
Savings
The deep sleep mode maximizes dynamic power savings by dis-
abling the clocks to the processor core (CCLK) and to all
synchronous peripherals (SCLK). Asynchronous peripherals
may still be running but cannot access internal resources or
external memory. This powered-down mode can only be exited
by assertion of the reset pin (RESET). Assertion of RESET while
in deep sleep mode causes the processor to transition to the full
on mode.
Hibernate State—Maximum Static Power Savings
The hibernate state maximizes static power savings by disabling
the voltage and clocks to the processor core (CCLK) and to all of
the peripherals (SCLK). This setting sets the internal power sup-
ply voltage (VDDINT) to 0 V to provide the lowest static power
dissipation. Any critical information stored internally (for
example, memory contents, register contents, and other infor-
mation) must be written to a non-volatile storage device prior to
removing power if the processor state is to be preserved.
Writing 0 to the HIBERNATE bit causes EXT_WAKE to transi-
tion low, which can be used to signal an external voltage
regulator to shut down.
Since VDDEXT can still be supplied in this mode, all of the exter-
nal pins three-state, unless otherwise specified. This allows
other devices that may be connected to the processor to still
have power applied without drawing unwanted current.
The processor can be woken up by asserting the RESET pin. All
hibernate wakeup events initiate the hardware reset sequence.
Individual sources are enabled by the VR_CTL register. The
EXT_WAKE signal indicates the occurrence of a wakeup event.
As long as VDDEXT is applied, the VR_CTL register maintains its
state during hibernation. All other internal registers and memo-
ries, however, lose their content in the hibernate state.
Power Savings
As shown in Table 5, the processor supports three different
power domains, which maximizes flexibility while maintaining
compliance with industry standards and conventions. By isolat-
ing the internal logic of the processor into its own power
domain, separate from other I/O, the processor can take advan-
tage of dynamic power management without affecting the other
I/O devices. There are no sequencing requirements for the vari-
ous power domains, but all domains must be powered
according to the appropriate Processor — Specifications table
for processor operating conditions; even if the feature/periph-
eral is not used.
The dynamic power management feature of the processor
allows both the processor’s input voltage (VDDINT) and clock fre-
quency (fCCLK) to be dynamically controlled.
The power dissipated by a processor is largely a function of its
clock frequency and the square of the operating voltage. For
example, reducing the clock frequency by 25% results in a 25%
reduction in dynamic power dissipation, while reducing the
voltage by 25% reduces dynamic power dissipation by more
than 40%. Further, these power savings are additive, in that if
the clock frequency and supply voltage are both reduced, the
power savings can be dramatic, as shown in the following
equations.
Table 4. Power Settings
Mode/State PLL
PLL
Bypassed
Core
Clock
(CCLK)
System
Clock
(SCLK)
Core
Power
Full On
Enabled
No
Enabled Enabled On
Active
Enabled/
Disabled
Yes
Enabled Enabled On
Sleep
Enabled
—
Disabled Enabled On
Deep Sleep
Disabled —
Disabled Disabled On
Hibernate
Disabled —
Disabled Disabled Off
Table 5. Power Domains
Power Domain
Power Supply
All internal logic, except Memory
VDDINT
Flash Memory
VDDFLASH
All other I/O
VDDEXT
ADC digital supply1 (Logic, I/O)
1 On ADSP-BF506F processor only.
DVDD, VDRIVE
ADC analog supply1
AVDD
Power Savings Factor
fCCLKRED
fCCLKNOM
--------------------------
VDDINTRED
VDDINTNOM
--------------------------------


2
×
TRED
TNOM
---------------
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com