Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-BF504 Datasheet(PDF) 79 Page - Analog Devices

Part # ADSP-BF504
Description  Blackfin Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF504 Datasheet(HTML) 79 Page - Analog Devices

Back Button ADSP-BF504 Datasheet HTML 72Page - Analog Devices ADSP-BF504 Datasheet HTML 73Page - Analog Devices ADSP-BF504 Datasheet HTML 74Page - Analog Devices ADSP-BF504 Datasheet HTML 75Page - Analog Devices ADSP-BF504 Datasheet HTML 76Page - Analog Devices ADSP-BF504 Datasheet HTML 77Page - Analog Devices ADSP-BF504 Datasheet HTML 78Page - Analog Devices ADSP-BF504 Datasheet HTML 79Page - Analog Devices ADSP-BF504 Datasheet HTML 80Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 79 / 80 page
background image
Preliminary Technical Data
Rev. PrC
|
Page 79 of 80
|
January 2010
ADSP-BF504/F,ADSP-BF506F
SURFACE MOUNT DESIGN
Table 56 is provided as an aide to PCB design. For industry-
standard design recommendations, refer to IPC-7351, Generic
Requirements for Surface Mount Design and Land Pattern
Standard.
ORDERING GUIDE
Figure 100. 88-Lead LFCSP (BC-CP-1)
COMPLIANT TO JEDEC STANDARDS MO-220-VRRD.
1
22
66
45
23
44
88
67
0.50
0.40
0.30
0.30
0.23
0.18
10.50
REF
0.60 MAX
0.60
MAX
6.70
REF SQ
0.50
BSC
0.138~0.194 REF
12° MAX
SEATING
PLANE
TOP VIEW
EXPOSED PAD
BOTTOM VIEW
0.85
0.80
0.75
0.70
0.65
0.60
0.045
0.025
0.005
PIN 1
INDICATOR
12.10
12.00 SQ
11.90
11.85
11.75 SQ
11.65
PIN 1
INDICATOR
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
Table 56. Surface Mount Design Supplement
Package
Ball Attach Type
Solder Mask Opening
Lead Pad Size
120-Lead LQFP
Solder Mask Defined
TBD mm diameter
TBD mm diameter
88-Lead LFCSP
Solder Mask Defined
TBD mm diameter
TBD mm diameter
Table 57. ADSP-BF50x Processors1
1 For feature comparison between ADSP-BF504, ADSP-BF504F, and ADSP-BF506F processors, see the Processor Comparison in Table 1 on Page 3.
Model
Temperature
Range
2
2 Referenced temperature is ambient temperature.
Processor Instruction
Rate (Max)
Package Description
Package
Option
ADSPBF504BCPZ-ENG
–40ºC to +85ºC
400 MHz
88-Lead LFCSP
BC-CP-1
ADSPBF504FBCPZ-ENG
–40ºC to +85ºC
400 MHz
88-Lead LFCSP
BC-CP-1
ADSPBF506FBSWZ-ENG
–40ºC to +85ºC
400 MHz
120-Lead LQFP
SQ-120-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com