Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-BF504 Datasheet(PDF) 20 Page - Analog Devices

Part # ADSP-BF504
Description  Blackfin Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF504 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADSP-BF504 Datasheet HTML 16Page - Analog Devices ADSP-BF504 Datasheet HTML 17Page - Analog Devices ADSP-BF504 Datasheet HTML 18Page - Analog Devices ADSP-BF504 Datasheet HTML 19Page - Analog Devices ADSP-BF504 Datasheet HTML 20Page - Analog Devices ADSP-BF504 Datasheet HTML 21Page - Analog Devices ADSP-BF504 Datasheet HTML 22Page - Analog Devices ADSP-BF504 Datasheet HTML 23Page - Analog Devices ADSP-BF504 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 80 page
background image
Rev. PrC
|
Page 20 of 80
|
January 2010
ADSP-BF504/F,ADSP-BF506F
Preliminary Technical Data
ADC APPLICATION HINTS
The following sections provide application hints for using the
ADC.
Grounding and Layout Considerations
The analog and digital supplies to the ADC are independent and
separately pinned out to minimize coupling between the analog
and digital sections of the device. The printed circuit board
(PCB) that houses the ADC should be designed so that the ana-
log and digital sections are separated and confined to certain
areas of the board. This design facilitates the use of ground
planes that can be easily separated.
To provide optimum shielding for ground planes, a minimum
etch technique is generally best. All AGND pins should be sunk
in the AGND plane. Digital and analog ground planes should be
joined in only one place. If the ADC is in a system where multi-
ple devices require an AGND to DGND connection, the
connection should still be made at one point only, a star ground
point that should be established as close as possible to the
ground pins on the ADC.
Avoid running digital lines under the device as this couples
noise onto the die. Avoid running digital lines in the area of the
AGND pad as this couples noise onto the ADC die and into the
AGND plane. The power supply lines to the ADC should use as
large a trace as possible to provide low impedance paths and
reduce the effects of glitches on the power supply line.
To avoid radiating noise to other sections of the board, fast
switching signals, such as clocks, should be shielded with digital
ground, and clock signals should never run near the analog
inputs. Avoid crossover of digital and analog signals. To reduce
the effects of feed through within the board, traces on opposite
sides of the board should run at right angles to each other.
Good decoupling is also important. All analog supplies should
be decoupled with 10 μF tantalum capacitors in parallel with 0.1
μF capacitors to GND. To achieve the best results from these
decoupling components, they must be placed as close as possible
to the device, ideally right up against the device. The 0.1 μF
capacitors should have low effective series resistance (ESR) and
effective series inductance (ESI), such as the common ceramic
types or surface-mount types. These low ESR and ESI capacitors
provide a low impedance path to ground at high frequencies to
handle transient currents due to internal logic switching.
RELATED DOCUMENTS
The following publications that describe the ADSP-BF50x pro-
cessors (and related processors) can be ordered from any
Analog Devices sales office or accessed electronically on our
website:
• Getting Started With Blackfin Processors
• ADSP-BF50x Blackfin Processor Hardware Reference (vol-
umes 1 and 2)
• Blackfin Processor Programming Reference
• ADSP-BF50x Blackfin Processor Anomaly List



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com