Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-BF504 Datasheet(PDF) 33 Page - Analog Devices

Part # ADSP-BF504
Description  Blackfin Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF504 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADSP-BF504 Datasheet HTML 29Page - Analog Devices ADSP-BF504 Datasheet HTML 30Page - Analog Devices ADSP-BF504 Datasheet HTML 31Page - Analog Devices ADSP-BF504 Datasheet HTML 32Page - Analog Devices ADSP-BF504 Datasheet HTML 33Page - Analog Devices ADSP-BF504 Datasheet HTML 34Page - Analog Devices ADSP-BF504 Datasheet HTML 35Page - Analog Devices ADSP-BF504 Datasheet HTML 36Page - Analog Devices ADSP-BF504 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 80 page
background image
Preliminary Technical Data
Rev. PrC
|
Page 33 of 80
|
January 2010
ADSP-BF504/F,ADSP-BF506F
Parallel Peripheral Interface Timing
Table 25 and Figure 12 on Page 33, Figure 18 on Page 39, and
Figure 20 on Page 40 describe parallel peripheral interface
operations.
Table 25. Parallel Peripheral Interface Timing
Parameter
V
DDEXT = 1.8 V
V
DDEXT = 2.5/3.3 V
Min
Max
Min
Max
Unit
Timing Requirements
tPCLKW
PPI_CLK Width1
6.4
6.4
ns
tPCLK
PPI_CLK Period1
20
20
ns
Timing Requirements - GP Input and Frame Capture Modes
tSFSPE
External Frame Sync Setup Before PPI_CLK
(Nonsampling Edge for Rx, Sampling Edge for Tx)
6.7
6.7
ns
tHFSPE
External Frame Sync Hold After PPI_CLK
1.0
1.0
ns
tSDRPE
Receive Data Setup Before PPI_CLK
3.5
3.5
ns
tHDRPE
Receive Data Hold After PPI_CLK
1.5
1.5
ns
Switching Characteristics - GP Output and Frame Capture Modes
tDFSPE
Internal Frame Sync Delay After PPI_CLK
9.8
8.8
ns
tHOFSPE
Internal Frame Sync Hold After PPI_CLK
1.7
1.7
ns
tDDTPE
Transmit Data Delay After PPI_CLK
9.8
8.8
ns
tHDTPE
Transmit Data Hold After PPI_CLK
1.8
1.8
ns
1 PPI_CLK frequency cannot exceed fSCLK/2
Figure 12. PPI GP Rx Mode with External Frame Sync Timing
tPCLK
tSFSPE
POLS = 0
POLS = 0
POLS = 1
POLS = 1
DATA0 IS
SAMPLED
DATA1 IS
SAMPLED
PPI_DATA
POLC = 0
PPI_CLK
POLC = 1
PPI_CLK
PPI_FS1
PPI_FS2
tHFSPE
tHDRPE
tSDRPE
tPCLKW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com