Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-BF504 Datasheet(PDF) 78 Page - Analog Devices

Part # ADSP-BF504
Description  Blackfin Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF504 Datasheet(HTML) 78 Page - Analog Devices

Back Button ADSP-BF504 Datasheet HTML 72Page - Analog Devices ADSP-BF504 Datasheet HTML 73Page - Analog Devices ADSP-BF504 Datasheet HTML 74Page - Analog Devices ADSP-BF504 Datasheet HTML 75Page - Analog Devices ADSP-BF504 Datasheet HTML 76Page - Analog Devices ADSP-BF504 Datasheet HTML 77Page - Analog Devices ADSP-BF504 Datasheet HTML 78Page - Analog Devices ADSP-BF504 Datasheet HTML 79Page - Analog Devices ADSP-BF504 Datasheet HTML 80Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 78 / 80 page
background image
Rev. PrC
|
Page 78 of 80
|
January 2010
ADSP-BF504/F,ADSP-BF506F
Preliminary Technical Data
OUTLINE DIMENSIONS
Dimensions in Figure 99 (for the 120-lead LQFP) and in
Figure 100 (for the 88-lead LFCSP) are shown in millimeters.
Figure 99. 120-Lead LQFP (SQ-120-2)
COMPLIANT TO JEDEC STANDARDS MS-026-BEE-HD
1.45
1.40
1.35
0.15
0.10
0.05
0.08 MAX
COPLANARITY
VIEW A
SEATING
PLANE
12°
7°
0°
0.20
0.15
0.09
1.60
MAX
VIEW A
0.75
0.60
0.45
1.00 REF
TOP VIEW
(PINS DOWN)
91
1
90
31
30
60
61
120
16.20
16.00 SQ
15.80
14.10
14.00 SQ
13.90
PIN 1
0.40
BSC
LEAD
PITCH
0.23
0.18
0.13
31
91
61
90
120
30
1
60
BOTTOM VIEW
(PINS UP)
EXPOSED PAD
EXPOSED
PAD
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.77 REF
2.945
REF
SQ
4.60 REF
1.915
2.81
REF
SQ
1.53
6.17
REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com