Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-BF504 Datasheet(PDF) 45 Page - Analog Devices

Part # ADSP-BF504
Description  Blackfin Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF504 Datasheet(HTML) 45 Page - Analog Devices

Back Button ADSP-BF504 Datasheet HTML 41Page - Analog Devices ADSP-BF504 Datasheet HTML 42Page - Analog Devices ADSP-BF504 Datasheet HTML 43Page - Analog Devices ADSP-BF504 Datasheet HTML 44Page - Analog Devices ADSP-BF504 Datasheet HTML 45Page - Analog Devices ADSP-BF504 Datasheet HTML 46Page - Analog Devices ADSP-BF504 Datasheet HTML 47Page - Analog Devices ADSP-BF504 Datasheet HTML 48Page - Analog Devices ADSP-BF504 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 80 page
background image
Preliminary Technical Data
Rev. PrC
|
Page 45 of 80
|
January 2010
ADSP-BF504/F,ADSP-BF506F
Timer Clock Timing
Table 36 and Figure 25 describe timer clock timing.
Up/Down Counter/Rotary Encoder Timing
Table 36. Timer Clock Timing
Parameter
V
DDEXT = 1.8 V
V
DDEXT = 2.5/3.3 V
Min
Max
Min
Max
Unit
Switching Characteristic
tTODP
Timer Output Update Delay After PPI_CLK High
12.0
12.0
ns
Figure 25. Timer Clock Timing
Table 37. Up/Down Counter/Rotary Encoder Timing
Parameter
V
DDEXT = 1.8 V
V
DDEXT = 2.5/3.3 V
Min
Max
Min
Max
Unit
Timing Requirements
tWCOUNT
Up/Down Counter/Rotary Encoder Input Pulse Width
tSCLK + 1
tSCLK + 1
ns
tCIS
Counter Input Setup Time Before CLKOUT High
1
1 Either a valid setup and hold time or a valid pulse width is sufficient. There is no need to resynchronize counter inputs.
5.5
4.0
ns
tCIH
Counter Input Hold Time After CLKOUT High
1
4.0
4.0
ns
Figure 26. Up/Down Counter/Rotary Encoder Timing
PPI_CLK
TMRx OUTPUT
tTODP
CLKOUT
CUD/CDG/CZM
tCIS
tCIH
tWCOUNT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com