Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-BF504 Datasheet(PDF) 62 Page - Analog Devices

Part # ADSP-BF504
Description  Blackfin Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF504 Datasheet(HTML) 62 Page - Analog Devices

Back Button ADSP-BF504 Datasheet HTML 58Page - Analog Devices ADSP-BF504 Datasheet HTML 59Page - Analog Devices ADSP-BF504 Datasheet HTML 60Page - Analog Devices ADSP-BF504 Datasheet HTML 61Page - Analog Devices ADSP-BF504 Datasheet HTML 62Page - Analog Devices ADSP-BF504 Datasheet HTML 63Page - Analog Devices ADSP-BF504 Datasheet HTML 64Page - Analog Devices ADSP-BF504 Datasheet HTML 65Page - Analog Devices ADSP-BF504 Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 80 page
background image
Rev. PrC
|
Page 62 of 80
|
January 2010
ADSP-BF504/F,ADSP-BF506F
Preliminary Technical Data
When the ADC starts a conversion (see Figure 69 (ADC Con-
version Phase)), SW3 opens and SW1 and SW2 move to
Position B, causing the comparator to become unbalanced. Both
inputs are disconnected once the conversion begins. The con-
trol logic and the charge redistribution DACs are used to add
and subtract fixed amounts of charge from the sampling capaci-
tor arrays to bring the comparator back into a balanced
condition. When the comparator is rebalanced, the conversion
is complete. The control logic generates the ADC output code.
The output impedances of the sources driving the VIN+ and VIN–
pins must be matched; otherwise, the two inputs will have dif-
ferent settling times, resulting in errors.
Analog Input Structure
Figure 70 (Equivalent Analog Input Circuit, Conversion
Phase—Switches Open, Track Phase—Switches Closed) shows
the equivalent circuit of the analog input structure of the ADC
in differential/pseudo differential mode. In single-ended mode,
VIN is internally tied to AGND. The four diodes provide ESD
protection for the analog inputs. Care must be taken to ensure
that the analog input signals never exceed the supply rails by
more than 300 mV. This causes these diodes to become for-
ward-biased and starts conducting into the substrate. These
diodes can conduct up to 10 mA without causing irreversible
damage to the part.
The C1 capacitors in Figure 70 (Equivalent Analog Input Cir-
cuit, Conversion Phase—Switches Open, Track Phase—
Switches Closed) are typically 4 pF and can primarily be attrib-
uted to pin capacitance. The resistors are lumped components
made up of the on resistance of the switches. The value of these
resistors is typically about 100
Ω. The C2 capacitors are the
ADC’s sampling capacitors with a capacitance of 45 pF typically.
For ac applications, removing high frequency components from
the analog input signal is recommended by the use of an RC
low-pass filter on the relevant analog input pins with optimum
values of 47
Ω and 10 pF. In applications where harmonic dis-
tortion and signal-to-noise ratio are critical, the analog input
should be driven from a low impedance source. Large source
impedances significantly affect the ac performance of the ADC
and may necessitate the use of an input buffer amplifier. The
choice of the op amp is a function of the particular application.
When no amplifier is used to drive the analog input, the source
impedance should be limited to low values. The maximum
source impedance depends on the amount of THD that can be
tolerated.
The THD increases as the source impedance increases and per-
formance degrades. Figure 71 (THD vs. Analog Input
Frequency for Various Source Impedances, Single-Ended Mode
shows a graph of the THD vs. the analog input signal frequency
for different source impedances in single-ended mode, while
Figure 72 (THD vs. Analog Input Frequency for Various Source
Impedances, Differential Mode) shows the THD vs. the analog
input signal frequency for different source impedances in differ-
ential mode.
Figure 73 (THD vs. Analog Input Frequency for Various Supply
Voltages) shows a graph of the THD vs. the analog input fre-
quency for various supplies while sampling at 2 MSPS. In this
case, the source impedance is 47
Ω.
Figure 69. ADC Conversion Phase
Figure 70. Equivalent Analog Input Circuit,
Conversion Phase—Switches Open, Track Phase—Switches Closed
CAPACITIVE
DAC
CAPACITIVE
DAC
CONTROL
LOGIC
COMPARATOR
SW3
SW1
A
A
B
B
SW2
CS
CS
VIN+
VIN–
VREF
VDD
C1
D
D
VIN+
R1 C2
VDD
C1
D
D
VIN–
R1 C2
Figure 71. THD vs. Analog Input Frequency for Various
Source Impedances, Single-Ended Mode
INPUT FREQUENCY (kHz)
600
0
200
100
400
300
500
–50
–60
–55
–65
–70
–75
–80
–85
–90
FSAMPLE = 1.5MSPS
VDD = 3V
RANGE = 0V TO VREF
RSOURCE = 300
RSOURCE = 0
RSOURCE = 10
RSOURCE = 47
RSOURCE = 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com