Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-BF504 Datasheet(PDF) 48 Page - Analog Devices

Part # ADSP-BF504
Description  Blackfin Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF504 Datasheet(HTML) 48 Page - Analog Devices

Back Button ADSP-BF504 Datasheet HTML 44Page - Analog Devices ADSP-BF504 Datasheet HTML 45Page - Analog Devices ADSP-BF504 Datasheet HTML 46Page - Analog Devices ADSP-BF504 Datasheet HTML 47Page - Analog Devices ADSP-BF504 Datasheet HTML 48Page - Analog Devices ADSP-BF504 Datasheet HTML 49Page - Analog Devices ADSP-BF504 Datasheet HTML 50Page - Analog Devices ADSP-BF504 Datasheet HTML 51Page - Analog Devices ADSP-BF504 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 80 page
background image
Rev. PrC
|
Page 48 of 80
|
January 2010
ADSP-BF504/F,ADSP-BF506F
Preliminary Technical Data
JTAG Test And Emulation Port Timing
Table 40 and Figure 29 describe JTAG port operations.
Table 40. JTAG Port Timing
Parameter
V
DDEXT = 1.8 V
V
DDEXT = 2.5/3.3 V
Min
Max
Min
Max
Unit
Timing Requirements
tTCK
TCK Period
20
20
ns
tSTAP
TDI, TMS Setup Before TCK High
4
4
ns
tHTAP
TDI, TMS Hold After TCK High
4
4
ns
tSSYS
System Inputs Setup Before TCK High1
44ns
tHSYS
System Inputs Hold After TCK High
1
55ns
tTRSTW
TRST Pulse Width
2 (measured in TCK cycles)
4
4
TCK
Switching Characteristics
tDTDO
TDO Delay from TCK Low
10
10
ns
tDSYS
System Outputs Delay After TCK Low3
12.6
12
ns
1 System Inputs = SCL, SDA, PF15–0, PG15–0, PH2–0, NMI, BMODE3–0, RESET, PG.
2 50 MHz Maximum
3 System Outputs = EXTCLK, SCL, SDA, PF15–0, PG15–0, PH2–0.
Figure 29. JTAG Port Timing
TCK
TMS
TDI
TDO
SYSTEM
INPUTS
SYSTEM
OUTPUTS
tTCK
tSTAP
tHTAP
tDTDO
tSSYS
tHSYS
tDSYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com