Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-BF504 Datasheet(PDF) 68 Page - Analog Devices

Part # ADSP-BF504
Description  Blackfin Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF504 Datasheet(HTML) 68 Page - Analog Devices

Back Button ADSP-BF504 Datasheet HTML 64Page - Analog Devices ADSP-BF504 Datasheet HTML 65Page - Analog Devices ADSP-BF504 Datasheet HTML 66Page - Analog Devices ADSP-BF504 Datasheet HTML 67Page - Analog Devices ADSP-BF504 Datasheet HTML 68Page - Analog Devices ADSP-BF504 Datasheet HTML 69Page - Analog Devices ADSP-BF504 Datasheet HTML 70Page - Analog Devices ADSP-BF504 Datasheet HTML 71Page - Analog Devices ADSP-BF504 Datasheet HTML 72Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 80 page
background image
Rev. PrC
|
Page 68 of 80
|
January 2010
ADSP-BF504/F,ADSP-BF506F
Preliminary Technical Data
down for a relatively long duration between these bursts of sev-
eral conversions. When the ADC is in partial power-down, all
analog circuitry is powered down except for the on-chip refer-
ence and reference buffer.
To enter partial power-down mode, the conversion process
must be interrupted by bringing CS high anywhere after the sec-
ond falling edge of ADSCLK and before the 10th falling edge of
ADSCLK, as shown in Figure 87 (Entering Partial Power-Down
Mode). Once CS is brought high in this window of ADSCLKs,
the part enters partial power-down, the conversion that was ini-
tiated by the falling edge of CS is terminated, and DOUTA and
DOUTB go back into three-state. If CS is brought high before the
second ADSCLK falling edge, the part remains in normal mode
and does not power down. This avoids accidental power-down
due to glitches on the CS line.
To exit this mode of operation and power up the ADC again, a
dummy conversion is performed. On the falling edge of CS, the
device begins to power up and continues to power up as long as
CS is held low until after the falling edge of the 10th ADSCLK.
The device is fully powered up after approximately 1 μs has
elapsed, and valid data results from the next conversion, as
shown in Figure 88 (Exiting Partial Power-Down Mode). If CS
is brought high before the second falling edge of ADSCLK, the
ADC again goes into partial power-down. This avoids acciden-
tal power-up due to glitches on the CS line. Although the device
may begin to power up on the falling edge of CS, it powers down
again on the rising edge of CS. If the ADC is already in partial
power-down mode and CS is brought high between the second
and 10th falling edges of ADSCLK, the device enters full power-
down mode.
Full Power-Down Mode
This mode is intended for use in applications where throughput
rates slower than those in the partial power-down mode are
required, as power-up from a full power-down takes substan-
tially longer than that from partial power-down. This mode is
more suited to applications where a series of conversions per-
formed at a relatively high throughput rate are followed by a
long period of inactivity and thus power-down. When the ADC
is in full power-down, all analog circuitry is powered down. Full
power-down is entered in a similar way as partial power-down,
except the timing sequence shown in Figure 87 (Entering Partial
Power-Down Mode) must be executed twice. The conversion
process must be interrupted in a similar fashion by bringing CS
high anywhere after the second falling edge of ADSCLK and
before the 10th falling edge of ADSCLK. The device enters par-
tial power-down at this point. To reach full power-down, the
next conversion cycle must be interrupted in the same way, as
shown in Figure 89 (Entering Full Power-Down Mode). Once
CS is brought high in this window of ADSCLKs, the part com-
pletely powers down.
Note that it is not necessary to complete the 14 ADSCLKs once
CS is brought high to enter a power-down mode.
To exit full power-down and power up the ADC, a dummy con-
version is performed, as when powering up from partial power-
down. On the falling edge of CS, the device begins to power up
and continues to power up, as long as CS is held low until after
the falling edge of the 10th ADSCLK. The required power-up
time must elapse before a conversion can be initiated, as shown
in Figure 90 (Exiting Full Power-Down Mode). See the Power-
Up Times section for the power-up times associated with the
ADC.
Figure 87. Entering Partial Power-Down Mode
ADSCLK
THREE-STATE
CS
DOUTA
DOUTB
114
10
2
Figure 88. Exiting Partial Power-Down Mode
ADSCLK
CS
DOUTA
DOUTB
INVALID DATA
VALID DATA
110
14
14
1
THE PART BEGINS
TO POWER UP.
THE PART IS FULLY
POWERED UP; SEE
POWER-UP TIMES
SECTION.
tPOWER-UP1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com