Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-BF504 Datasheet(PDF) 15 Page - Analog Devices

Part # ADSP-BF504
Description  Blackfin Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF504 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADSP-BF504 Datasheet HTML 11Page - Analog Devices ADSP-BF504 Datasheet HTML 12Page - Analog Devices ADSP-BF504 Datasheet HTML 13Page - Analog Devices ADSP-BF504 Datasheet HTML 14Page - Analog Devices ADSP-BF504 Datasheet HTML 15Page - Analog Devices ADSP-BF504 Datasheet HTML 16Page - Analog Devices ADSP-BF504 Datasheet HTML 17Page - Analog Devices ADSP-BF504 Datasheet HTML 18Page - Analog Devices ADSP-BF504 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 80 page
background image
Preliminary Technical Data
Rev. PrC
|
Page 15 of 80
|
January 2010
ADSP-BF504/F,ADSP-BF506F
where the variables in the equations are:
fCCLKNOM is the nominal core clock frequency
fCCLKRED is the reduced core clock frequency
VDDINTNOM is the nominal internal supply voltage
VDDINTRED is the reduced internal supply voltage
TNOM is the duration running at fCCLKNOM
TRED is the duration running at fCCLKRED
ADSP-BF50X VOLTAGE REGULATION
The ADSP-BF50x processors require an external voltage regula-
tor to power the VDDINT domain. To reduce standby power
consumption, the external voltage regulator can be signaled
through EXT_WAKE to remove power from the processor core.
This signal is high-true for power-up and may be connected
directly to the low-true shut-down input of many common
regulators.
While in the hibernate state, all external supplies (VDDEXT,
VDDFLASH) can still be applied, eliminating the need for external
buffers. The external voltage regulator can be activated from
this power down state by asserting the RESET pin, which then
initiates a boot sequence. EXT_WAKE indicates a wakeup to
the external voltage regulator.
The power good (PG) input signal allows the processor to start
only after the internal voltage has reached a chosen level. In this
way, the startup time of the external regulator is detected after
hibernation. For a complete description of the power good
functionality, refer to the ADSP-BF50x Blackfin Processor Hard-
ware Reference.
CLOCK SIGNALS
The processor can be clocked by an external crystal, a sine wave
input, or a buffered, shaped clock derived from an external
clock oscillator.
If an external clock is used, it should be a TTL-compatible signal
and must not be halted, changed, or operated below the speci-
fied frequency during normal operation. This signal is
connected to the processor’s CLKIN pin. When an external
clock is used, the XTAL pin must be left unconnected.
Alternatively, because the processor includes an on-chip oscilla-
tor circuit, an external crystal may be used. For fundamental
frequency operation, use the circuit shown in Figure 4. A paral-
lel-resonant, fundamental frequency, microprocessor-grade
crystal is connected across the CLKIN and XTAL pins. The on-
chip resistance between CLKIN and the XTAL pin is in the
500 k
Ω range. Further parallel resistors are typically not recom-
mended. The two capacitors and the series resistor shown in
Figure 4 fine tune phase and amplitude of the sine frequency.
The capacitor and resistor values shown in Figure 4 are typical
values only. The capacitor values are dependent upon the crystal
manufacturers’ load capacitance recommendations and the PCB
physical layout. The resistor value depends on the drive level
specified by the crystal manufacturer. The user should verify the
customized values based on careful investigations on multiple
devices over temperature range.
A third-overtone crystal can be used for frequencies above 25
MHz. The circuit is then modified to ensure crystal operation
only at the third overtone, by adding a tuned inductor circuit as
shown in Figure 4. A design procedure for third-overtone oper-
ation is discussed in detail in application note (EE-168) Using
Third Overtone Crystals with the ADSP-218x DSP on the Analog
Devices website (www.analog.com)—use site search on
“EE-168.”
The Blackfin core runs at a different clock rate than the on-chip
peripherals. As shown in Figure 5, the core clock (CCLK) and
system peripheral clock (SCLK) are derived from the input
clock (CLKIN) signal. An on-chip PLL is capable of multiplying
the CLKIN signal by a programmable multiplication factor
(bounded by specified minimum and maximum VCO frequen-
cies). The default multiplier is 6×, but it can be modified by a
software instruction sequence.
On-the-fly frequency changes can be effected by simply writing
to the PLL_DIV register. The maximum allowed CCLK and
SCLK rates depend on the applied voltages VDDINT and VDDEXT;
the VCO is always permitted to run up to the CCLK frequency
specified by the part’s speed grade. The EXTCLK pin can be
configured to output either the SCLK frequency or the input
buffered CLKIN frequency, called CLKBUF. When configured
to output SCLK (CLKOUT), the EXTCLK pin acts as a refer-
ence signal in many timing specifications. While active by
default, it can be disabled using the EBIU_AMGCTL register.
% Power Savings
1
Power Savings Factor
–
() 100%
×
=
Figure 4. External Crystal Connections
CLKIN
CLKOUT (SCLK)
XTAL
SELECT
CLKBUF
TO PLL CIRCUITRY
FOR OVERTONE
OPERATION ONLY:
NOTE: VALUES MARKED WITH * MUST BE CUSTOMIZED, DEPENDING
ON THE CRYSTAL AND LAYOUT. PLEASE ANALYZE CAREFULLY. FOR
FREQUENCIES ABOVE 33 MHz, THE SUGGESTED CAPACITOR VALUE
OF 18 pF SHOULD BE TREATED AS A MAXIMUM, AND THE SUGGESTED
RESISTOR VALUE SHOULD BE REDUCED TO 0
.
18 pF *
EN
18 pF *
330
*
BLACKFIN
560
EXTCLK
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com