Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-BF504 Datasheet(PDF) 57 Page - Analog Devices

Part # ADSP-BF504
Description  Blackfin Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF504 Datasheet(HTML) 57 Page - Analog Devices

Back Button ADSP-BF504 Datasheet HTML 53Page - Analog Devices ADSP-BF504 Datasheet HTML 54Page - Analog Devices ADSP-BF504 Datasheet HTML 55Page - Analog Devices ADSP-BF504 Datasheet HTML 56Page - Analog Devices ADSP-BF504 Datasheet HTML 57Page - Analog Devices ADSP-BF504 Datasheet HTML 58Page - Analog Devices ADSP-BF504 Datasheet HTML 59Page - Analog Devices ADSP-BF504 Datasheet HTML 60Page - Analog Devices ADSP-BF504 Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 80 page
background image
Preliminary Technical Data
Rev. PrC
|
Page 57 of 80
|
January 2010
ADSP-BF504/F,ADSP-BF506F
ADC — TIMING SPECIFICATIONS
ADC — ABSOLUTE MAXIMUM RATINGS
Stresses above those listed in Table 49 may cause permanent
damage to the device. This is a stress rating only; functional
operation of the device at these or any other conditions above
those indicated in the operational section of this specification is
not implied. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
Table 48. Serial Data Interface1
1 See also Figure 93 on Page 71 and Figure 94 on Page 71.
Parameter
Limit at TMIN, TMAX
Unit
Description/Conditions
fADSCLK
2
2 Minimum ADSCLK for specified performance; with slower ADSCLK frequencies, performance specifications apply typically.
4/32
MHz min/max
tCONVERT
14 × tADSCLK
ns max
tADSCLK = 1/fADSCLK
437.5
ns max
fADSCLK = 32 MHz, fSAMPLE = 2 MSPS; AVDD, DVDD = 5 V
583.3
ns max
fADSCLK = 24 MHz, fSAMPLE = 1.5 MSPS; AVDD, DVDD = 3 V
tQUIET
30
ns min
Minimum time between end of serial read and next falling edge of CS
t2
20/30
ns min
CS to ADSCLK setup time; VDRIVE = 5 V/3 V
t3
15
ns max
Delay from CS until DOUTA and DOUTB are three-state disabled
t4
3
3 The time required for the output to cross 0.4 V or 2.4 V.
27/36
ns max
Data access time after ADSCLK falling edge, VDRIVE = 5 V/3 V
t5
0.45 tADSCLK
ns min
ADSCLK low pulse width
t6
0.45 tADSCLK
ns min
ADSCLK high pulse width
t7
5/10
ns min
ADSCLK to data valid hold time, VDRIVE = 5 V/3 V
t8
15
ns max
CS rising edge to DOUTA, DOUTB, high impedance
t9
30
ns min
CS rising edge to falling edge pulse width
t10
5/35
ns min/max
ADSCLK falling edge to DOUTA, DOUTB, high impedance
Table 49. Absolute Maximum Ratings
Parameter
Rating
AVDD, DVDD to AGND
–0.3 V to +7 V
DVDD to DGND
–0.3 V to +7 V
VDRIVE to DGND
–0.3 V to DVDD
VDRIVE to AGND
–0.3 V to AVDD
AVDD to DVDD
–0.3 V to +0.3 V
AGND to DGND
–0.3 V to +0.3 V
Analog Input Voltage to AGND
–0.3 V to AVDD + 0.3 V
Digital Input Voltage to DGND
–0.3 V to +7 V
Digital Output Voltage to GND
–0.3 V to VDRIVE + 0.3 V
VREF to AGND
–0.3 V to AVDD + 0.3 V
Input Current to Any ADC Pin
Except Supplies
1
1 Transient currents of up to 100 mA will not cause latch up.
±10 mA
Storage Temperature Range
–65°C to +150°C
Junction Temperature Under Bias
+110°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com