Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-BF504 Datasheet(PDF) 25 Page - Analog Devices

Part # ADSP-BF504
Description  Blackfin Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF504 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADSP-BF504 Datasheet HTML 21Page - Analog Devices ADSP-BF504 Datasheet HTML 22Page - Analog Devices ADSP-BF504 Datasheet HTML 23Page - Analog Devices ADSP-BF504 Datasheet HTML 24Page - Analog Devices ADSP-BF504 Datasheet HTML 25Page - Analog Devices ADSP-BF504 Datasheet HTML 26Page - Analog Devices ADSP-BF504 Datasheet HTML 27Page - Analog Devices ADSP-BF504 Datasheet HTML 28Page - Analog Devices ADSP-BF504 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 80 page
background image
Preliminary Technical Data
Rev. PrC
|
Page 25 of 80
|
January 2010
ADSP-BF504/F,ADSP-BF506F
PROCESSOR — SPECIFICATIONS
Specifications are subject to change without notice.
PROCESSOR — OPERATING CONDITIONS
Table 13 shows settings for TWI_DT in the NONGPIO_DRIVE
register. Set this register prior to using the TWI port.
Parameter
Conditions
Min
Nominal
Max
Unit
VDDINT
1
1 The expected nominal value is 1.4 V
±5%, and initial customer designs should design with a programmable regulator that can be adjusted from 0.95 V to 1.5 V in 50 mV steps.
Internal Supply Voltage
TBD
TBD
TBD
V
VDDEXT
2
2 Must remain powered (even if the associated function is not used).
External Supply Voltage
ADSP-BF504
1.7
1.8 /2.5 / 3.3
3.6
V
VDDEXT
2
External Supply Voltage
ADSP-BF504F, ADSP-BF506F
2.7
3.3
3.6
V
VDDFLASH
2,3
3 For ADSP-BF504, VDDFLASH pins should be connected to GND.
Flash Memory Supply Voltage
1.7
1.8
2.0
V
VIH
High Level Input Voltage4, 5
4 Bidirectional pins (PF15–0, PG15–0, PH2–0) and input pins (TCK, TDI, TMS, TRST, CLKIN, RESET, NMI, and BMODE3–0) of the ADSP-BF50x processors are 3.3 V tolerant
(always accept up to 3.6 V maximum VIH). Voltage compliance (on outputs, VOH) is limited by the VDDEXT supply voltage.
5 Parameter value applies to all input and bidirectional pins, except SDA and SCL.
VDDEXT = 1.90 V
1.1
3.6
V
VIH
High Level Input Voltage4, 5
VDDEXT = 2.75 V
1.7
3.6
V
VIH
High Level Input Voltage
4, 5
VDDEXT = 3.6 V
2.0
3.6
V
VIHTWI
High Level Input Voltage
6
6 Parameter applies to SDA and SCL.
VDDEXT = 1.90 V/2.75 V/3.6 V
0.7 × VBUSTWI
7, 8
VBUSTWI
7, 8
7 The VIHTWI min and max value vary with the selection in the TWI_DT field of the NONGPIO_DRIVE register. See VBUSTWI min and max values in Table 13.
V
VIL
Low Level Input Voltage
4, 5
VDDEXT = 1.7 V
–0.3
0.6
V
VIL
Low Level Input Voltage4, 5
VDDEXT = 2.25 V
–0.3
0.7
V
VIL
Low Level Input Voltage4, 5
VDDEXT = 3.0 V
–0.3
0.8
V
VILTWI
Low Level Input Voltage6
VDDEXT = minimum
–0.3
0.3 × VBUSTWI
8
8 SDA and SCL are pulled up to VBUSTWI. See Table 13.
V
TJ
Junction Temperature
88-Lead LFCSP @ T
AMBIENT = –40°C to + 85°C
–40
+105
°C
TJ
Junction Temperature
120-Lead LQFP @ T
AMBIENT = –40°C to +85°C
–40
+105
°C
Table 13. TWI_DT Field Selections and VDDEXT/VBUSTWI
TWI_DT
VDDEXT Nominal
VBUSTWI Minimum
VBUSTWI Nominal
VBUSTWI Maximum
Unit
000 (default)
3.3
2.97
3.3
3.63
V
001
1.8
1.7
1.8
1.98
V
010
2.5
2.97
3.3
3.63
V
011
1.8
2.97
3.3
3.63
V
100
3.3
4.5
5
5.5
V
101
1.8
2.25
2.5
2.75
V
110
2.5
2.25
2.5
2.75
V
111 (reserved)
–
–
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com