Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-BF504 Datasheet(PDF) 58 Page - Analog Devices

Part # ADSP-BF504
Description  Blackfin Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF504 Datasheet(HTML) 58 Page - Analog Devices

Back Button ADSP-BF504 Datasheet HTML 54Page - Analog Devices ADSP-BF504 Datasheet HTML 55Page - Analog Devices ADSP-BF504 Datasheet HTML 56Page - Analog Devices ADSP-BF504 Datasheet HTML 57Page - Analog Devices ADSP-BF504 Datasheet HTML 58Page - Analog Devices ADSP-BF504 Datasheet HTML 59Page - Analog Devices ADSP-BF504 Datasheet HTML 60Page - Analog Devices ADSP-BF504 Datasheet HTML 61Page - Analog Devices ADSP-BF504 Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 80 page
background image
Rev. PrC
|
Page 58 of 80
|
January 2010
ADSP-BF504/F,ADSP-BF506F
Preliminary Technical Data
ADC — TYPICAL PERFORMANCE
CHARACTERISTICS
TA = 25°C, unless otherwise noted.
Figure 56. PSRR vs. Supply Ripple Frequency Without Supply Decoupling
Figure 57. Channel-to-Channel Isolation
Figure 58. SINAD vs. Analog Input Frequency for Various Supply Voltages
SUPPLY RIPPLE FREQUENCY (kHz)
2000
0
200
400
600
800 1000 1200 1400 1600 1800
–60
–70
–80
–90
–100
–110
–120
100mV p-p SINE WAVE ON AVDD
NO DECOUPLING
SINGLE-ENDED MODE
EXTERNAL REFERENCE
INTERNAL REFERENCE
NOISE FREQUENCY (kHz)
1000
0
100
200
300
400
500
600
800
700
900
–50
–55
–60
–65
–70
–75
–90
–95
–80
–85
–100
VDD = 5V
INPUT FREQUENCY (kHz)
3000
0
1000
2000
500
1500
2500
74
72
68
70
66
62
64
60
VDD = 5V
DIFFERENTIAL MODE
VDD = 3V
DIFFERENTIAL MODE
RANGE = 0 TO VREF
Figure 59. FFT
Figure 60. Typical DNL
Figure 61. Typical INL
FREQUENCY (kHz)
1000
0
100
200
300
400
500
600
700
800
900
–10
–30
–50
–70
–90
–110
4096 POINT FFT
VDD = 5V, VDRIVE = 3V
FSAMPLE = 2MSPS
FIN = 52kHz
SINAD = 71.4dB
THD = –84.42dB
DIFFERENTIAL MODE
CODE
4000
0
1000
2000
3000
3500
500
1500
2500
1.0
0.6
0.8
0.2
0.4
–0.2
0
–0.6
–0.8
–0.4
–1.0
VDD = 5V, VDRIVE = 3V
DIFFERENTIAL MODE
CODE
4000
0
500
1000
1500
2000
2500
3000
3500
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
VDD = 5V, VDRIVE = 3V
DIFFERENTIAL MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com