Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-BF504 Datasheet(PDF) 65 Page - Analog Devices

Part # ADSP-BF504
Description  Blackfin Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF504 Datasheet(HTML) 65 Page - Analog Devices

Back Button ADSP-BF504 Datasheet HTML 61Page - Analog Devices ADSP-BF504 Datasheet HTML 62Page - Analog Devices ADSP-BF504 Datasheet HTML 63Page - Analog Devices ADSP-BF504 Datasheet HTML 64Page - Analog Devices ADSP-BF504 Datasheet HTML 65Page - Analog Devices ADSP-BF504 Datasheet HTML 66Page - Analog Devices ADSP-BF504 Datasheet HTML 67Page - Analog Devices ADSP-BF504 Datasheet HTML 68Page - Analog Devices ADSP-BF504 Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 80 page
background image
Preliminary Technical Data
Rev. PrC
|
Page 65 of 80
|
January 2010
ADSP-BF504/F,ADSP-BF506F
to make use of the full dynamic range of the part. A dc input is
applied to the VIN– pin. The voltage applied to this input pro-
vides an offset from ground or a pseudo ground for the VIN+
input. The benefit of pseudo differential inputs is that they sepa-
rate the analog input signal ground from the ADC’s ground
allowing dc common-mode voltages to be cancelled.
The typical voltage range for the VIN– pin, while in pseudo dif-
ferential mode, is shown in Figure 80 (VIN– Input Voltage Range
vs. VREF in Pseudo Differential Mode with VDD = 3 V) and
Figure 81 (VIN– Input Voltage Range vs. VREF in Pseudo Differ-
ential Mode with VDD = 5 V). Figure 82 (Pseudo Differential
Mode Connection Diagram) shows a connection diagram for
pseudo differential mode.
Analog Input Selection
The analog inputs of the ADC can be configured as single-
ended or true differential via the SGL/DIFF logic pin, as shown
in Figure 83 (Selecting Differential or Single-Ended Configura-
tion). If this pin is tied to a logic low, the analog input channels
to each on-chip ADC are set up as three true differential pairs. If
this pin is at logic high, the analog input channels to each on-
chip ADC are set up as six single-ended analog inputs. The
required logic level on this pin needs to be established prior to
the acquisition time and remain unchanged during the conver-
sion time until the track-and-hold has returned to track. The
track-and-hold returns to track on the 13th rising edge of
ADSCLK after the CS falling edge (see Figure 93 (Serial Inter-
face Timing Diagram)). If the level on this pin is changed, it will
be recognized by the ADC; therefore, it is necessary to keep the
same logic level during acquisition and conversion to avoid cor-
rupting the conversion in progress.
For example, in Figure 83 (Selecting Differential or Single-
Ended Configuration) the SGL/DIFF pin is set at logic high for
the duration of both the acquisition and conversion times so the
analog inputs are configured as single ended for that conversion
(Sampling Point A). The logic level of the SGL/DIFF changed to
low after the track-and-hold returned to track and prior to the
Figure 79. Dual Op Amp Circuit to Convert a Single-Ended Bipolar Signal
into a Differential Unipolar Signal
Figure 80. VIN- Input Voltage Range vs. VREF in
Pseudo Differential Mode with VDD = 3 V
20k
220k
2× VREF p–p
27
27
V+
V–
V+
V–
GND
2.5V
3.75V
1.25V
2.5V
3.75V
1.25V
VIN+
ADC1
VIN–
440
220
0.47μF
1ADDITIONAL PINS OMITTED FOR CLARITY.
220
220
10k
A
V
REF
(DCAPA/DCAPB)
VREF (V)
3.0
0
0.5
1.0
1.5
2.0
2.5
1.0
0.8
0.4
0.6
0.2
–0.2
0
–0.4
TA = 25°C
Figure 81. VIN– Input Voltage Range vs. VREF in
Pseudo Differential Mode with VDD = 5 V
Figure 82. Pseudo Differential Mode Connection Diagram
VREF (V)
5.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
2.5
2.0
1.5
1.0
0.5
0
–0.5
TA = 25°C
DC INPUT
VOLTAGE
VREF
p–p
VREF (DCAPA/DCAPB)
VIN+
ADC1
VIN–
0.47μF
1ADDITIONAL PINS OMITTED FOR CLARITY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com