Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-BF504 Datasheet(PDF) 11 Page - Analog Devices

Part # ADSP-BF504
Description  Blackfin Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF504 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADSP-BF504 Datasheet HTML 7Page - Analog Devices ADSP-BF504 Datasheet HTML 8Page - Analog Devices ADSP-BF504 Datasheet HTML 9Page - Analog Devices ADSP-BF504 Datasheet HTML 10Page - Analog Devices ADSP-BF504 Datasheet HTML 11Page - Analog Devices ADSP-BF504 Datasheet HTML 12Page - Analog Devices ADSP-BF504 Datasheet HTML 13Page - Analog Devices ADSP-BF504 Datasheet HTML 14Page - Analog Devices ADSP-BF504 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 80 page
background image
Preliminary Technical Data
Rev. PrC
|
Page 11 of 80
|
January 2010
ADSP-BF504/F,ADSP-BF506F
• Companding in hardware – Each SPORT can perform
A-law or μ-law companding according to ITU recommen-
dation G.711. Companding can be selected on the transmit
and/or receive channel of the SPORT without
additional latencies.
• DMA operations with single-cycle overhead – Each SPORT
can automatically receive and transmit multiple buffers of
memory data. The processor can link or chain sequences of
DMA transfers between a SPORT and memory.
• Interrupts – Each transmit and receive port generates an
interrupt upon completing the transfer of a data word or
after transferring an entire data buffer, or buffers,
through DMA.
• Multichannel capability – Each SPORT supports 128 chan-
nels out of a 1024-channel window and is compatible with
the H.100, H.110, MVIP-90, and HMVIP standards.
SERIAL PERIPHERAL INTERFACE (SPI) PORTS
The ADSP-BF50x processors have two SPI-compatible ports
that enable the processor to communicate with multiple SPI-
compatible devices.
The SPI interface uses three pins for transferring data: two data
pins MOSI (Master Output-Slave Input) and MISO (Master
Input-Slave Output) and a clock pin, serial clock (SCK). An SPI
chip select input pin (SPIx_SS) lets other SPI devices select the
processor, and three SPI chip select output pins (SPIx_SEL3–1)
let the processor select other SPI devices. The SPI select pins are
reconfigured general-purpose I/O pins. Using these pins, the
SPI port provides a full-duplex, synchronous serial interface,
which supports both master/slave modes and multimaster
environments.
The SPI port’s baud rate and clock phase/polarities are pro-
grammable, and it has an integrated DMA channel,
configurable to support transmit or receive data streams. The
SPI’s DMA channel can only service unidirectional accesses at
any given time.
The SPI port’s clock rate is calculated as:
Where the 16-bit SPI_BAUD register contains a value of 2
to 65,535.
During transfers, the SPI port simultaneously transmits and
receives by serially shifting data in and out on its two serial data
lines. The serial clock line synchronizes the shifting and sam-
pling of data on the two serial data lines.
UART PORTS (UARTS)
The ADSP-BF50x Blackfin processors provide two full-duplex
universal asynchronous receiver/transmitter (UART) ports.
Each UART port provides a simplified UART interface to other
peripherals or hosts, enabling full-duplex, DMA-supported,
asynchronous transfers of serial data. A UART port includes
support for five to eight data bits, one or two stop bits, and
none, even, or odd parity. Each UART port supports two modes
of operation:
• PIO (programmed I/O). The processor sends or receives
data by writing or reading I/O-mapped UART registers.
The data is double-buffered on both transmit and receive.
• DMA (direct memory access). The DMA controller trans-
fers both transmit and receive data. This reduces the
number and frequency of interrupts required to transfer
data to and from memory. Each UART has two dedicated
DMA channels, one for transmit and one for receive. These
DMA channels have lower default priority than most DMA
channels because of their relatively low service rates. Flexi-
ble interrupt timing options are available on the transmit
side.
Each UART port’s baud rate, serial data format, error code gen-
eration and status, and interrupts are programmable:
• Supporting bit rates ranging from (fSCLK/1,048,576) to
(fSCLK) bits per second.
• Supporting data formats from 7 to 12 bits per frame.
• Both transmit and receive operations can be configured to
generate maskable interrupts to the processor.
The UART port’s clock rate is calculated as
Where the 16-bit UART divisor comes from the UARTx_DLH
register (most significant 8 bits) and UARTx_DLL register (least
significant eight bits), and the EDBO is a bit in the
UARTx_GCTL register.
In conjunction with the general-purpose timer functions, auto-
baud detection is supported.
The UARTs feature a pair of UAx_RTS (request to send) and
UAx_CTS (clear to send) signals for hardware flow purposes.
The transmitter hardware is automatically prevented from
sending further data when the UAx_CTS input is de-asserted.
The receiver can automatically de-assert its
UAx_RTS output when the enhanced receive FIFO exceeds a
certain high-water level. The capabilities of the UARTs are fur-
ther extended with support for the Infrared Data Association
(IrDA®) Serial Infrared Physical Layer Link Specification (SIR)
protocol.
PARALLEL PERIPHERAL INTERFACE (PPI)
The processor provides a parallel peripheral interface (PPI) that
can connect directly to parallel A/D and D/A converters, video
encoders and decoders, and other general-purpose peripherals.
The PPI consists of a dedicated input clock pin, up to three
frame synchronization pins, and up to 16 data pins. The input
clock supports parallel data rates up to half the system clock rate
and the synchronization signals can be configured as either
inputs or outputs.
SPI Clock Rate
f
SCLK
2
SPI_BAUD
×
------------------------------------
=
UART Clock Rate
fSCLK
16
1EDBO
–
()
UART_Divisor
×
------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com