Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-BF504 Datasheet(PDF) 41 Page - Analog Devices

Part # ADSP-BF504
Description  Blackfin Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF504 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADSP-BF504 Datasheet HTML 37Page - Analog Devices ADSP-BF504 Datasheet HTML 38Page - Analog Devices ADSP-BF504 Datasheet HTML 39Page - Analog Devices ADSP-BF504 Datasheet HTML 40Page - Analog Devices ADSP-BF504 Datasheet HTML 41Page - Analog Devices ADSP-BF504 Datasheet HTML 42Page - Analog Devices ADSP-BF504 Datasheet HTML 43Page - Analog Devices ADSP-BF504 Datasheet HTML 44Page - Analog Devices ADSP-BF504 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 80 page
background image
Preliminary Technical Data
Rev. PrC
|
Page 41 of 80
|
January 2010
ADSP-BF504/F,ADSP-BF506F
Serial Peripheral Interface (SPI) Port—Master Timing
Table 32 and Figure 21 describe SPI port master operations.
Table 32. Serial Peripheral Interface (SPI) Port—Master Timing
Parameter
V
DDEXT = 1.8 V
V
DDEXT = 2.5/3.3 V
Min
Max
Min
Max
Unit
Timing Requirements
tSSPIDM
Data Input Valid to SCK Edge (Data Input Setup)
12.0
11.6
ns
tHSPIDM
SCK Sampling Edge to Data Input Invalid
–1.5
–1.5
ns
Switching Characteristics
tSDSCIM
SPISELx low to First SCK Edge
2 × tSCLK –1.5
2 × tSCLK –1.5
ns
tSPICHM
Serial Clock High Period
2 × tSCLK –1.5
2 × tSCLK –1.5
ns
tSPICLM
Serial Clock Low Period
2 × tSCLK –1.5
2 × tSCLK –1.5
ns
tSPICLK
Serial Clock Period
4 × tSCLK –1.5
4 × tSCLK –1.5
ns
tHDSM
Last SCK Edge to SPISELx High
2 × tSCLK –1.5
2 × tSCLK –1.5
ns
tSPITDM
Sequential Transfer Delay
2 × tSCLK –1.5
2 × tSCLK–1.5
ns
tDDSPIDM
SCK Edge to Data Out Valid (Data Out Delay)
6
6
ns
tHDSPIDM
SCK Edge to Data Out Invalid (Data Out Hold)
–1.0
–1.0
ns
Figure 21. Serial Peripheral Interface (SPI) Port—Master Timing
tSPICHM
tSDSCIM
tSPICLM
tSPICLK
tHDSM
tSPITDM
tSPICLM
tSPICHM
MSB
VALID
LSB VALID
MSB VALID
LSB
LSB
MSB
MSB
tHDSPIDM
tHSPIDM
tSSPIDM
LSB VALID
SPISELx
(OUTPUT)
SCK
(CPOL = 0)
(OUTPUT)
SCK
(CPOL = 1)
(OUTPUT)
MOSI
(OUTPUT)
MISO
(INPUT)
MOSI
(OUTPUT)
MISO
(INPUT)
CPHA = 1
CPHA = 0
tDDSPIDM
tHSPIDM
tSSPIDM
tHDSPIDM
tDDSPIDM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com