Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-BF504 Datasheet(PDF) 52 Page - Analog Devices

Part # ADSP-BF504
Description  Blackfin Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF504 Datasheet(HTML) 52 Page - Analog Devices

Back Button ADSP-BF504 Datasheet HTML 48Page - Analog Devices ADSP-BF504 Datasheet HTML 49Page - Analog Devices ADSP-BF504 Datasheet HTML 50Page - Analog Devices ADSP-BF504 Datasheet HTML 51Page - Analog Devices ADSP-BF504 Datasheet HTML 52Page - Analog Devices ADSP-BF504 Datasheet HTML 53Page - Analog Devices ADSP-BF504 Datasheet HTML 54Page - Analog Devices ADSP-BF504 Datasheet HTML 55Page - Analog Devices ADSP-BF504 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 80 page
background image
Rev. PrC
|
Page 52 of 80
|
January 2010
ADSP-BF504/F,ADSP-BF506F
Preliminary Technical Data
PROCESSOR — ENVIRONMENTAL CONDITIONS
To determine the junction temperature on the application
printed circuit board use:
where:
TJ = Junction temperature (°C).
TCASE = Case temperature (°C) measured by customer at top
center of package.
Ψ
JT = From Table 41 and Table 42.
PD = Power dissipation (see Total Power Dissipation on Page 29
for the method to calculate PD).
Values of
θJA are provided for package comparison and printed
circuit board design considerations.
θJA can be used for a first
order approximation of TJ by the equation:
where:
TA = Ambient temperature (°C)
Values of
θJC are provided for package comparison and printed
circuit board design considerations when an external heat sink
is required.
Values of
θJB are provided for package comparison and printed
circuit board design considerations.
In Table 41 and Table 42, airflow measurements comply with
JEDEC standards JESD51-2 and JESD51-6, and the junction-to-
board measurement complies with JESD51-8. The junction-to-
case measurement complies with MIL-STD-883 (Method
1012.1). All measurements use a 2S2P JEDEC test board.
Figure 49. Typical Rise and Fall Times (10%–90%) versus Load Capacitance
for Driver A at VDDEXT = Max
Figure 50. Typical Rise and Fall Times (10%–90%) versus Load Capacitance
for Driver B at VDDEXT = Min
Figure 51. Typical Rise and Fall Times (10%–90%) versus Load Capacitance
for Driver B at VDDEXT = Max
Figure 52. Typical Rise and Fall Times (10%–90%) versus Load Capacitance
for Driver C at VDDEXT = Min
Figure 53. Typical Rise and Fall Times (10%–90%) versus Load Capacitance
for Driver C at VDDEXT = Max
Figure 54. Typical Rise and Fall Times (10%–90%) versus Load Capacitance
for Driver D at VDDEXT = Min
Figure 55. Typical Rise and Fall Times (10%–90%) versus Load Capacitance
for Driver D at VDDEXT = Max
DA
TA
TB
D
DA
TA
TB
D
DA
TA
TB
D
DA
TA
TB
D
DA
TA
TB
D
DA
TA
TB
D
DA
TA
TB
D
TJ
TCASE
Ψ
JT
PD
×
()
+
=
Table 41. Thermal Characteristics (88-Lead LFCSP)
Parameter
Condition
Typical
Unit
θJA
0 linear m/s air flow
26.2
°C/W
θJMA
1 linear m/s air flow
23.7
°C/W
θJMA
2 linear m/s air flow
22.9
°C/W
θJB
16.0
°C/W
θJC
9.8
°C/W
ΨJT
0 linear m/s air flow
0.21
°C/W
ΨJT
1 linear m/s air flow
0.36
°C/W
ΨJT
2 linear m/s air flow
0.43
°C/W
Table 42. Thermal Characteristics (120-Lead LQFP)
Parameter
Condition
Typical
Unit
θJA
0 linear m/s air flow
26.9
°C/W
θJMA
1 linear m/s air flow
24.2
°C/W
θJMA
2 linear m/s air flow
23.3
°C/W
θJB
16.4
°C/W
θJC
12.7
°C/W
ΨJT
0 linear m/s air flow
0.50
°C/W
ΨJT
1 linear m/s air flow
0.77
°C/W
ΨJT
2 linear m/s air flow
1.02
°C/W
TJ
TA
θ
JA
PD
×
()
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com