Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-BF504 Datasheet(PDF) 70 Page - Analog Devices

Part # ADSP-BF504
Description  Blackfin Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF504 Datasheet(HTML) 70 Page - Analog Devices

Back Button ADSP-BF504 Datasheet HTML 66Page - Analog Devices ADSP-BF504 Datasheet HTML 67Page - Analog Devices ADSP-BF504 Datasheet HTML 68Page - Analog Devices ADSP-BF504 Datasheet HTML 69Page - Analog Devices ADSP-BF504 Datasheet HTML 70Page - Analog Devices ADSP-BF504 Datasheet HTML 71Page - Analog Devices ADSP-BF504 Datasheet HTML 72Page - Analog Devices ADSP-BF504 Datasheet HTML 73Page - Analog Devices ADSP-BF504 Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 80 page
background image
Rev. PrC
|
Page 70 of 80
|
January 2010
ADSP-BF504/F,ADSP-BF506F
Preliminary Technical Data
maximum ADSCLK frequency and an ADSCLK frequency that
scales with the sampling rate with VDD = 3 V and VDD = 5 V,
respectively. In all cases, the internal reference was used.
ADC — SERIAL INTERFACE
Figure 93 (Serial Interface Timing Diagram) shows the detailed
timing diagram for serial interfacing to the ADC. The serial
clock provides the conversion clock and controls the transfer of
information from the ADC during conversion.
The CS signal initiates the data transfer and conversion process.
The falling edge of CS puts the track-and-hold into hold mode,
at which point the analog input is sampled and the bus is taken
out of three-state. The conversion is also initiated at this point
and requires a minimum of 14 ADSCLKs to complete. Once 13
ADSCLK falling edges have elapsed, the track-and-hold goes
back into track on the next ADSCLK rising edge, as shown in
Figure 93 (Serial Interface Timing Diagram) at Point B. If a 16
ADSCLK transfer is used, then two trailing zeros appear after
the final LSB. On the rising edge of CS, the conversion is termi-
nated and DOUTA and DOUTB go back into three-state. If CS is
not brought high but is instead held low for a further 14 (or 16)
ADSCLK cycles on DOUTA, the data from Conversion B is out-
put on DOUTA (followed by two trailing zeros).
Likewise, if CS is held low for a further 14 (or 16) ADSCLK
cycles on DOUTB, the data from Conversion A is output on
DOUTB.
This is illustrated in Figure 94 (Reading Data from Both ADCs
on One DOUT Line with 32 ADSCLKs) where the case for
DOUTA is shown. In this case, the DOUT line in use goes back into
three-state on the 32nd ADSCLK falling edge or the rising edge
of CS, whichever occurs first.
A minimum of 14 serial clock cycles are required to perform the
conversion process and to access data from one conversion on
either data line of the ADC. CS going low provides the leading
zero to be read in by the microcontroller or DSP. The remaining
data is then clocked out by subsequent ADSCLK falling edges,
beginning with a second leading zero. Thus, the first falling
clock edge on the serial clock has the leading zero provided and
also clocks out the second leading zero. The 12-bit result then
follows with the final bit in the data transfer valid on the 14th
falling edge, having being clocked out on the previous (13th) fall-
ing edge. In applications with a slower ADSCLK, it may be
possible to read in data on each ADSCLK rising edge depending
on the ADSCLK frequency. The first rising edge of ADSCLK
after the CS falling edge would have the second leading zero
provided, and the 13th rising ADSCLK edge would have DB0
provided.
Note that with fast ADSCLK values, and thus short ADSCLK
periods, in order to allow adequately for t2, an ADSCLK rising
edge may occur before the first ADSCLK falling edge. This ris-
ing edge of ADSCLK may be ignored for the purposes of the
timing descriptions in this section. If a falling edge of ADSCLK
is coincident with the falling edge of CS, then this falling edge of
ADSCLK is not acknowledged by the ADC, and the next falling
edge of ADSCLK will be the first registered after the falling edge
of CS.
Figure 91. Power vs. Throughput in Normal Mode with VDD = 3 V
Figure 92. Power vs. Throughput in Normal Mode with VDD = 5 V
THROUGHPUT (kSPS)
1400
0
200
400
600
800
1000
1200
10.0
9.5
9.0
8.5
8.0
7.5
7.0
6.5
6.0
5.5
5.0
24MHz ADSCLK
VARIABLE ADSCLK
TA = 25°C
THROUGHPUT (kSPS)
2000
0
200
400
600
800 1000 1200 1400 1600 1800
30
28
26
24
22
20
18
16
14
12
10
32MHz ADSCLK
VARIABLE ADSCLK
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com