Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-BF504 Datasheet(PDF) 63 Page - Analog Devices

Part # ADSP-BF504
Description  Blackfin Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF504 Datasheet(HTML) 63 Page - Analog Devices

Back Button ADSP-BF504 Datasheet HTML 59Page - Analog Devices ADSP-BF504 Datasheet HTML 60Page - Analog Devices ADSP-BF504 Datasheet HTML 61Page - Analog Devices ADSP-BF504 Datasheet HTML 62Page - Analog Devices ADSP-BF504 Datasheet HTML 63Page - Analog Devices ADSP-BF504 Datasheet HTML 64Page - Analog Devices ADSP-BF504 Datasheet HTML 65Page - Analog Devices ADSP-BF504 Datasheet HTML 66Page - Analog Devices ADSP-BF504 Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 80 page
background image
Preliminary Technical Data
Rev. PrC
|
Page 63 of 80
|
January 2010
ADSP-BF504/F,ADSP-BF506F
Analog Inputs
The ADC has a total of 12 analog inputs. Each on-board ADC
has six analog inputs that can be configured as six single-ended
channels, three pseudo differential channels, or three fully dif-
ferential channels. These may be selected as described in the
Analog Input Selection section.
Single-Ended Mode
The ADC can have a total of 12 single-ended analog input chan-
nels. In applications where the signal source has high
impedance, it is recommended to buffer the analog input
before applying it to the ADC. The analog input range can be
programmed to be either 0 to VREF or 0 to 2 × VREF.
If the analog input signal to be sampled is bipolar, the internal
reference of the ADC can be used to externally bias up this sig-
nal to make it correctly formatted for the ADC. Figure 74 shows
a typical connection diagram when operating the ADC in sin-
gle-ended mode.
Differential Mode
The ADC can have a total of six differential analog input pairs.
Differential signals have some benefits over single-ended sig-
nals, including noise immunity based on the device’s common-
mode rejection and improvements in distortion performance.
Figure 75 (Differential Input Definition) defines the fully differ-
ential analog input of the ADC.
The amplitude of the differential signal is the difference between
the signals applied to the VIN+ and VIN– pins in each differential
pair (VIN+ VIN–). VIN+ and VIN– should be simultaneously driven
by two signals each of amplitude VREF (or 2 × VREF, depending
on the range chosen) that are 180° out of phase. The amplitude
of the differential signal is, therefore (assuming the 0 to VREF
range is selected) –VREF to +VREF peak-to-peak (2 × VREF),
regardless of the common mode (CM).
The common mode is the average of the two signals
(VIN+ + VIN–)/2
and is, therefore, the voltage on which the two inputs are
centered.
This results in the span of each input being CM ± VREF/2. This
voltage has to be set up externally and its range varies with the
reference value, VREF. As the value of VREF increases, the com-
mon-mode range decreases. When driving the inputs with an
amplifier, the actual common-mode range is determined by the
amplifier’s output voltage swing.
Figure 76 (Input Common-Mode Range vs. VREF (0 to VREF
Range, VDD = 5 V)) and Figure 77 (Input Common-Mode
Range vs. VREF (2 × VREF Range, VDD = 5 V)) show how the
common-mode range typically varies with VREF for a 5 V power
Figure 72. THD vs. Analog Input Frequency for
Various Source Impedances, Differential Mode
Figure 73. THD vs. Analog Input Frequency for Various Supply Voltages
INPUT FREQUENCY (kHz)
600
700
800
900 1000
0
200
100
400
300
500
–60
–65
–70
–75
–80
–85
–90
FSAMPLE = 1.5MSPS
VDD = 3V
RANGE = 0V TO VREF
RSOURCE = 300
RSOURCE = 0
RSOURCE = 10
RSOURCE = 47
RSOURCE = 100
INPUT FREQUENCY (kHz)
600
700
800
900 1000
0
200
100
400
300
500
–50
–60
–55
–65
–70
–75
–80
–85
–90
VDD = 3V
SINGLE-ENDED MODE
VDD = 5V
SINGLE-ENDED MODE
VDD = 3V
DIFFERENTIAL MODE
VDD = 5V
DIFFERENTIAL MODE
FSAMPLE = 1.5MSPS/2MSPS
VDD = 3V/5V
RANGE = 0 TO VREF
Figure 74. Single-Ended Mode Connection Diagram
Figure 75. Differential Input Definition
VIN
0V
+1.25V
–1.25V
V
REF
(DCAPA/DCAPB)
VA1
ADC1
VB6
R
R
3R
R
0V
+2.5V
0.47μF
1ADDITIONAL PINS OMITTED FOR CLARITY.
VIN+
ADC1
VIN–
VREF p-p
VREF p-p
COMMON
MODE
VOLTAGE
1ADDITIONAL PINS OMITTED FOR CLARITY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com