Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-BF504 Datasheet(PDF) 53 Page - Analog Devices

Part # ADSP-BF504
Description  Blackfin Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF504 Datasheet(HTML) 53 Page - Analog Devices

Back Button ADSP-BF504 Datasheet HTML 49Page - Analog Devices ADSP-BF504 Datasheet HTML 50Page - Analog Devices ADSP-BF504 Datasheet HTML 51Page - Analog Devices ADSP-BF504 Datasheet HTML 52Page - Analog Devices ADSP-BF504 Datasheet HTML 53Page - Analog Devices ADSP-BF504 Datasheet HTML 54Page - Analog Devices ADSP-BF504 Datasheet HTML 55Page - Analog Devices ADSP-BF504 Datasheet HTML 56Page - Analog Devices ADSP-BF504 Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 80 page
background image
Preliminary Technical Data
Rev. PrC
|
Page 53 of 80
|
January 2010
ADSP-BF504/F,ADSP-BF506F
FLASH PROGRAM AND ERASE TIMES AND ENDURANCE CYCLES
The program and erase times and the number of program/ erase
cycles per block are shown in Table 43. Exact erase times may
change depending on the memory array condition. The best
case is when all the bits in the block or bank are at ‘0’ (pre pro-
grammed). The worst case is when all the bits in the block or
bank are at ‘1’ (not pre programmed). Usually, the system over-
head is negligible with respect to the erase time.
FLASH – ABSOLUTE MAXIMUM RATINGS
Table 44 shows the ADC absolute maximum ratings.
Table 43. Program/Erase Times and Endurance Cycles
Parameter
Condition
Typ
Typ after 100 k
W/E cycles
Max
Unit
Erase
Parameter Block (4K word)1
Main Block (32K word)
Pre Programmed
Not Pre Programmed
0.3
0.8
1
1
3
2.5
4
4
s
s
s
Program2
Word
Parameter Block (4K word)
Main Block (32K word)
12
40
300
12
100
μs
ms
ms
Suspend Latency
Program
Erase
5
5
10
20
μs
μs
Program/Erase
Cycles (per Block)
Main Blocks
Parameter Blocks
100,000
100,000
Cycles
Cycles
1 The difference between pre programmed and not pre programmed is not significant (< 30 ms).
2 Values are liable to change with the external system-level overhead (command sequence and Status Register polling execution).
Table 44. Flash Absolute Maximum Ratings
Parameter
Rating
Junction Temperature While Biased
See Table 20 on
Page 30
Storage Temperature Range
–65
°C to +150°C
Flash Memory Supply Voltage (VDDFLASH) –0.2 V to +2.45 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com