Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-BF504 Datasheet(PDF) 54 Page - Analog Devices

Part # ADSP-BF504
Description  Blackfin Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF504 Datasheet(HTML) 54 Page - Analog Devices

Back Button ADSP-BF504 Datasheet HTML 50Page - Analog Devices ADSP-BF504 Datasheet HTML 51Page - Analog Devices ADSP-BF504 Datasheet HTML 52Page - Analog Devices ADSP-BF504 Datasheet HTML 53Page - Analog Devices ADSP-BF504 Datasheet HTML 54Page - Analog Devices ADSP-BF504 Datasheet HTML 55Page - Analog Devices ADSP-BF504 Datasheet HTML 56Page - Analog Devices ADSP-BF504 Datasheet HTML 57Page - Analog Devices ADSP-BF504 Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 80 page
background image
Rev. PrC
|
Page 54 of 80
|
January 2010
ADSP-BF504/F,ADSP-BF506F
Preliminary Technical Data
ADC — SPECIFICATIONS
ADC — OPERATING CONDITIONS
Parameter
Conditions
Min
Nominal
Max
Unit
VDD
1 (AV
DD, DVDD, VDRIVE)
1 Throughout this datasheet, VDD refers to both AVDD and DVDD.
fADSCLK = 24 MHz, fS up to 1.5 MSPS, internal or
external reference = 2.5 V ± 1% unless
otherwise noted
2.7
3.6
V
VDD (AVDD, DVDD, VDRIVE)fADSCLK = 32 MHz, fS up to 2.0 MSPS, internal or
external reference = 2.5 V ± 1% unless
otherwise noted
4.75 (AVDD, DVDD)
2.7 (VDRIVE)
5.25 (AVDD, DVDD)
5.25 (VDRIVE)
V
V
TJ Junction Temperature 120-Lead LQFP @ TAMBIENT = –40°C to +85°C
–40
+105
°C
Table 45. Operating Conditions (Analog, Voltage Reference, and Logic I/O)
Parameter
Specification
Unit
Test Conditions/Comments
ANALOG INPUT1
Single-Ended Input Range
0 V to VREF
V
RANGE= low
0 V to 2 × VREF
VRANGE = high
Pseudo Differential Input Range: VIN+ – VIN–
2
0 to VREF
V
RANGE = low
2 × VREF
VRANGE = high
Fully Differential Input Range: VIN+ and VIN–
VCM ± VREF/2
V
VCM = common-mode voltage
3 = V
REF/2, RANGE = low
VCM ± VREF
VVCM = VREF, RANGE = high
DC Leakage Current
±1
μA max
VA1 to VA6, VB1 to VB6
Input Capacitance4
45
pF typ
When in track
10
pF typ
When in hold
INTERNAL VOLTAGE REFERENCE (OUTPUT)5
Reference Output Voltage
2.5 ± 0.2%
V
@ 25°C, AVDD = 2.7 V to 5.25 V
Long-Term Stability
150
ppm typ
For 1000 hours
Output Voltage Hysteresis6
50
ppm typ
DCAPA, DCAPB Output Impedance
10
Ω typ
Reference Temperature Coefficient
20
ppm/°C max 10ppm/°C typ
VREF Noise
20
μV rms typ
EXTERNAL VOLTAGE REFERENCE (INPUT)5
Reference Input Voltage Range7
0.1/AVDD
V min/V max See ADC — Typical Performance Characteristics
DC Leakage Current7
±2
μA max
External reference applied to Pin DCAPA/Pin DCAPB
Input Capacitance
25
pF typ
DIGITAL LOGIC INPUTS
Input High Voltage, VINH
2.8
V min
Input Low Voltage, VINL
0.4
V max
Input Current, IIN
±15
nA typ
VIN = 0 V or VDRIVE
Input Capacitance, CIN
4
5
pF typ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com