Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-BF504 Datasheet(PDF) 44 Page - Analog Devices

Part # ADSP-BF504
Description  Blackfin Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF504 Datasheet(HTML) 44 Page - Analog Devices

Back Button ADSP-BF504 Datasheet HTML 40Page - Analog Devices ADSP-BF504 Datasheet HTML 41Page - Analog Devices ADSP-BF504 Datasheet HTML 42Page - Analog Devices ADSP-BF504 Datasheet HTML 43Page - Analog Devices ADSP-BF504 Datasheet HTML 44Page - Analog Devices ADSP-BF504 Datasheet HTML 45Page - Analog Devices ADSP-BF504 Datasheet HTML 46Page - Analog Devices ADSP-BF504 Datasheet HTML 47Page - Analog Devices ADSP-BF504 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 80 page
background image
Rev. PrC
|
Page 44 of 80
|
January 2010
ADSP-BF504/F,ADSP-BF506F
Preliminary Technical Data
Timer Cycle Timing
Table 35 and Figure 24 describe timer expired operations. The
input signal is asynchronous in “width capture mode” and
“external clock mode” and has an absolute maximum input fre-
quency of (fSCLK/2) MHz.
Table 35. Timer Cycle Timing
Parameter
V
DDEXT = 1.8 V
V
DDEXT = 2.5/3.3 V
Min
Max
Min
Max
Unit
Timing Requirements
tWL
Timer Pulse Width Input Low
(Measured In SCLK Cycles)
1
1 × tSCLK
1 × tSCLK
ns
tWH
Timer Pulse Width Input High
(Measured In SCLK Cycles)1
1 × tSCLK
1 × tSCLK
ns
tTIS
Timer Input Setup Time Before CLKOUT Low
2
55ns
tTIH
Timer Input Hold Time After CLKOUT Low
2
–2
–2
ns
Switching Characteristics
tHTO
Timer Pulse Width Output
(Measured In SCLK Cycles)
1 × tSCLK
(232–1)tSCLK
1 × tSCLK
(232–1)tSCLK
ns
tTOD
Timer Output Update Delay After CLKOUT High
8.1
8.1
ns
1 The minimum pulse widths apply for TMRx signals in width capture and external clock modes. They also apply to the PG0 or PPI_CLK signals in PWM output mode.
2 Either a valid setup and hold time or a valid pulse width is sufficient. There is no need to resynchronize programmable flag inputs.
Figure 24. Timer Cycle Timing
CLKOUT
TMRx OUTPUT
TMRx INPUT
tTIS
tTIH
tWH,tWL
tTOD
tHTO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com