Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 109 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 109 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 105Page - STMicroelectronics L9779WD Datasheet HTML 106Page - STMicroelectronics L9779WD Datasheet HTML 107Page - STMicroelectronics L9779WD Datasheet HTML 108Page - STMicroelectronics L9779WD Datasheet HTML 109Page - STMicroelectronics L9779WD Datasheet HTML 110Page - STMicroelectronics L9779WD Datasheet HTML 111Page - STMicroelectronics L9779WD Datasheet HTML 112Page - STMicroelectronics L9779WD Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 170 page
background image
DocID027452 Rev 5
109/170
L9779WD
Functional description
169
Note:
When VrsP and VrsM are both in input high clamping condition, the clamp voltage of VrsP is
30mV(typical) higher than VrsM.
VrsP
VrsM
Ibvrsp
Input bias current
Vrsp
VRS_INP = Vopenload
Mode R enabled
--
2
µA
Ibvrsm
Input bias current
Vrsm
VRS_INM = Vopenload
Mode R enabled
--
2
µA
Out_
Vrs
VOL
Output low
voltage
VDD_IO = 5 V or 3.3 V
Isink current = 2 mA
--
0.5
V
VOH
Output high
voltage
VDD_IO = 5 V or 3.3 V
Isource current = 2 mA
VDD_IO
-0.5
--
V
Ilk_outvrs
Input leakage
current to GND
--
-
1
µA
Input leakage
current to
VDD_IO
--
-
1
µA
Td_on_outvrs
Delay on falling
edge
Test Ext cap = 300pF
-
-
1
µs
Td_off_outvrs
Delay on rising
edge
Input signal Tperiod = 4 ms
-
-
150
µs
T_r_Out_vrs MRX rise time
Test Ext cap = 300 pF
-
-
150
ns
T_f_Out_vrs MRX fall time
Test Ext cap = 300 pF
-
-
150
ns
VrsP
VrsM
Voutdiag
Output diag
voltage
Vrs_INP = open; diag mode
CONFIG_REG1 bit1 = 0
0,9
(3.3)/3
1.5
V
Ioutdiag
Output diag
Current
Vrs_INP = open;
Vrs_INM = GND; diag mode
50
65
80
µA
Voutsh
Vbdiag th
Output Short-
circuit range to
VBAT
Open Load
threshold
Vrs_INP = open;
Vrs_INM = Vramp; diag mode
2,833,2
V
Voutsh gnd diag th
Output Short-to
GND range
threshold
Vrs_INP = open;
Vrs_INM = Vramp;
diag mode
1.1
1.3
1.5
V
Table 48. Diagnosis test electrical characteristics (continued)
Pin
Symbol
Parameter
Test condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com