Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 112 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 112 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 108Page - STMicroelectronics L9779WD Datasheet HTML 109Page - STMicroelectronics L9779WD Datasheet HTML 110Page - STMicroelectronics L9779WD Datasheet HTML 111Page - STMicroelectronics L9779WD Datasheet HTML 112Page - STMicroelectronics L9779WD Datasheet HTML 113Page - STMicroelectronics L9779WD Datasheet HTML 114Page - STMicroelectronics L9779WD Datasheet HTML 115Page - STMicroelectronics L9779WD Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 170 page
background image
Functional description
L9779WD
112/170
DocID027452 Rev 5
time window. When a monitoring cycle ends (the end of the fixed time window has been
reached) a new monitoring cycle is started automatically.
A correct response within the time window (at a response time > 0ms) decreases an
ERROR COUNTER by one. An incorrect response, a response outside the time window or
response time = 0ms leads to the incrementing of the ERROR COUNTER by one.
"within the time window" means that the end of writing the last answer byte - i.e.
RESP_BYTE0 - falls into the fixed time window mentioned above (see picture below).
Except the last answer byte, the previous answer bytes may also be written earlier than the
beginning of the time window.
The question sequence is deterministic. A question will be repeated until it is answered
correctly both in value and in time. Then the next question is placed in the sequence.
The ERROR COUNTER (EC) is a 3-bit counter. Various actions are activated depending on
the value of the counter.
The result of the comparison of the controller response and the calculated correct response,
as well as the next question, are available in the registers REQUHI/REQULO after receiving
the µC response (LSB of RESP_BYTE0) and can be read by the controller.
Monitoring cycle
Figure 74. Monitoring cycle diagram
Generating questions
The generation of the 4-bit question (REQU [3-0]) is realized with a 4-bit counter and a 4-bit
Markov chain. The 4-bit counter only changes into the next state during the sequencer-run
when the previous question has been answered correctly in value and in time.
The Markov chain changes into the next state on the 1111b -> 0000b transition of the 4-bit
counter if the previous question has been answered correctly in value and in time.
Neither the counter state nor the Markov chain states are changed by a sequencer-run
because of a write-access to the RESPTIME register or the expiration of the time window.
The 4-bit counter and Markov chain are set to 0000b when RST_UV is active.
The singularity of the Markov chain is 0000b. To leave the singularity (after power-up, error
state), the feedback path (M3 + M2 + M1 + M0) is realized. The "real" feedback logic of the
Markov chain is the XOR gate (M3 XOR M2).
The following diagram shows the 4-bit Markov chain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com