Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 110 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 110 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 106Page - STMicroelectronics L9779WD Datasheet HTML 107Page - STMicroelectronics L9779WD Datasheet HTML 108Page - STMicroelectronics L9779WD Datasheet HTML 109Page - STMicroelectronics L9779WD Datasheet HTML 110Page - STMicroelectronics L9779WD Datasheet HTML 111Page - STMicroelectronics L9779WD Datasheet HTML 112Page - STMicroelectronics L9779WD Datasheet HTML 113Page - STMicroelectronics L9779WD Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 170 page
background image
Functional description
L9779WD
110/170
DocID027452 Rev 5
6.17
Monitoring module (watchdog)
6.17.1
WDA - Watchdog (algorithmic)
Basic feature
Via MSC bus a WDA "question" must be read from a MSC register. A correct response must
be written back via MSC in a well defined timing. If response or timing is not correct, then
the WDA error counter EC is increased. If the error counter is increased to values greater
than 4, some output functions are shut off. If the error counter reaches values greater than 7
(overflow), then a RST reset may be generated if this is previously configured via MSC.
On the other way round, with a RST event also the WDA output pin goes to low.
Note that after startup, reset or an overflow the initial value of the error counter is 6.
If WDA resets are enabled via MSC: The number of RST events generated by an error
counter overflow is limited by the reset counter RST_CNT. If RST_CNT reaches the value of
7, then RST resets via WDA are no longer generated.
In case many WDA events occur during after-run power latch mode, the power latch mode
is terminated by the AB1 counter: With each error counter overflow, the AB1 counter is
increased. If it reaches a value greater than 7, then the after-run power latch mode is
terminated.
Table 49. WDA_INT electrical characteristics
Pin
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
WDA_INT
VWDA_low
Output low voltage
3.5 V < VDD5
IWDA < 4 mA
--
0.4
V
2.2 V < VDD5 < 3.5V
IWDA < 1 mA
--
0.4
V
IWDA
Input leakage current
-
-
-
1
µA
VWDA_in_low
Input voltage low level
-
-0.3
-
1.1
V
VWDA_in_high Input voltage high level -
2.3
-
VDD_IO
+0.3
V
VWDA_in_hys
Input voltage
hysteresis
-
300
-
800
mV
Rpullup
Internal pull-up resistor -
50
-
150
kΩ
fCLK1
WDA clock CLK1
-
-5%
64
5%
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com