Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 117 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 117 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 113Page - STMicroelectronics L9779WD Datasheet HTML 114Page - STMicroelectronics L9779WD Datasheet HTML 115Page - STMicroelectronics L9779WD Datasheet HTML 116Page - STMicroelectronics L9779WD Datasheet HTML 117Page - STMicroelectronics L9779WD Datasheet HTML 118Page - STMicroelectronics L9779WD Datasheet HTML 119Page - STMicroelectronics L9779WD Datasheet HTML 120Page - STMicroelectronics L9779WD Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 170 page
background image
DocID027452 Rev 5
117/170
L9779WD
Functional description
169
Expected Responses:
RESP_SOLL7 = REQU2 XOR RESP_CNT0
RESP_SOLL6 = REQU0 XOR RESP_CNT0
RESP_SOLL5 = REQU3 XOR RESP_CNT0
RESP_SOLL4 = REQU1 XOR RESP_CNT0
RESP_SOLL3 = ((REQU2 XOR REQU0) XOR REQU3) XOR RESP_CNT1
RESP_SOLL2 = ((REQU0 XOR REQU3) XOR REQU1) XOR RESP_CNT1
RESP_SOLL1 = ((REQU2 XOR REQU0) XOR REQU1) XOR RESP_CNT1
RESP_SOLL0 = (RESP_CNT1 XOR REQU3) XOR REQU0
Reset behaviour
All monitoring module registers are reset by RST_UV The following monitoring module
components are also reset by RST_PRL:
Table 53. Expected responses
question REQU (3-0)
RESP_BYTE3
RESP_BYTE2
RESP_BYTE1
RESP_BYTE0
0FF
0F
F0
00
1B0
40
BF
4F
2
E9
19E616
3
A6
56A959
475
85
7A
8A
53A
CA
35
C5
663
93
6C
9C
72C
DC
23
D3
8D2
22
DD
2D
99D
6D
92
62
AC4
34
CB
3B
B8B
7B
84
74
C
58A857
A7
D
17E718
E8
E4E
BE
41
B1
F01
F1
0E
FE
Table 54. Reset behaviour
Component:
Reset Condition:
ERROR COUNTER
110b
Register for “EC>7”
‚0‘



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com