Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 119 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 119 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 115Page - STMicroelectronics L9779WD Datasheet HTML 116Page - STMicroelectronics L9779WD Datasheet HTML 117Page - STMicroelectronics L9779WD Datasheet HTML 118Page - STMicroelectronics L9779WD Datasheet HTML 119Page - STMicroelectronics L9779WD Datasheet HTML 120Page - STMicroelectronics L9779WD Datasheet HTML 121Page - STMicroelectronics L9779WD Datasheet HTML 122Page - STMicroelectronics L9779WD Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 170 page
background image
DocID027452 Rev 5
119/170
L9779WD
Functional description
169
Watchdog influence on power up/down management unit
The watchdog AB1 counter is increased every time the watchdog error counter is EC > 7,
which means it has an overflow. If the AB1 counter reaches the value of 7 and a further error
occurs, the system will be switched off same as it would happen in case of the already
existing PWL_EN_TIMEOUTN signal.
Watchdog influence on smart power reset
WDA has influence on the RST pin only if the WDA error counter is EC > 7 and the resulting
reset signal "WD_RST" is enabled by MSC configuration bit "INIT_WDR" in
WR_RESPTIME command.
Watchdog influence on Lsa functions (Section 6.9.1)
For LSa functions OUT1, OUT2, OUT3, OUT4 (not OUT5).
In case of an internal WDA event (e.g. the WDA error counter is EC > 4 which results in the
signal WDA_INT being set) or in case of the WDA pin being pulled low externally, the output
stages OUT1, OUT2, OUT3, OUT4 go to inactive state.
Watchdog influence on LSd functions OUT13, OUT14 (starter relay drivers)
Section 6.9.4
In case of an internal WDA event (e.g. the WDA error counter is EC > 4 which results in the
signal WDA_INT being set) or in case of the WDA pin being pulled low externally, the
OUT13 and OUT14 stages go to inactive state after the time delay THOLD if the WDA event
is still active.
In the case WDA event has switched off OUT13/OUT14 once, Thold becomes 0ms on the
next WDA event, unless OUT13/OUT14 are switched off/on or device has been reset.
Moreover, if WDA pin is Low and kept Low at power up, OUT13/OUT14 can be switched on
by the external micro, even though WDA EC ≥ 4. That is to allow external micro to control
the system especially in the case of WDA pin stuck-low. WDA status pin can be checked by
bit 3 of DIA3_REG. See also Section 6.2.2.
Watchdog influence on Ignition drivers IGN1, IGN2, IGN3, IGN4
In case of an internal WDA event (e.g. the WDA error counter is EC > 4 which results in the
signal WDA_INT being set) or in case of the WDA pin is pulled low externally, the output
stages go to inactive state.
Watchdog influence on CAN transceiver
The WDA has influence on the CAN if the MSC configuration bit CAN_TDI is set.
Once the CAN_TDI bit is set, in case of an internal WDA event (e.g. the WDA error counter
is EC > 4 which results in the signal WDA_INT being set) or in case of the WDA pin is pulled
low externally, the CAN goes to receive-only mode (Rx Only).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com