Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 123 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 123 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 119Page - STMicroelectronics L9779WD Datasheet HTML 120Page - STMicroelectronics L9779WD Datasheet HTML 121Page - STMicroelectronics L9779WD Datasheet HTML 122Page - STMicroelectronics L9779WD Datasheet HTML 123Page - STMicroelectronics L9779WD Datasheet HTML 124Page - STMicroelectronics L9779WD Datasheet HTML 125Page - STMicroelectronics L9779WD Datasheet HTML 126Page - STMicroelectronics L9779WD Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 170 page
background image
DocID027452 Rev 5
123/170
L9779WD
Functional description
169
REQUHI (upstream data block8, read command: RD_DATA8)
REQUHI
REQUEST HI
Address:
-
Type:
R
Reset:
1100 0000b (reset source: RST_UV, Bit 4 additionally RST_PRL)
7
6
5
43210
RESP_CNT1
RESP_CNT0
RESP_ERR
RESP_Z0
CHRT
W_RESP
NO_RESP
RESP_TO_EAR
LY
R
[7-6] RESP_CNT(1-0):
Counter for receiving the 4 response bytes
[5] RESP_ERR:
'1': 1 byte of the 32-bit response is incorrect (1)
1. Sequencer-run: A sequencer-run is initiated by the writing of a complete response (RESP_BYTE3…RESP_BYTE0) or by
writing of a response-time <RESPTIME> or by reaching the end of a time window. In case WDA reference time base
(1/f_clk) has to be changed to f_clk = 39 kHz, CONFIG6 bit1 has to be written to 0 before sequencer-run is started.
[4] RESP_Z0:
'1': Controller set response-time to 0ms; a correct response within the time window
nevertheless increments the error counter by one '0': Response-time is greater than 0ms
[3] CHRT:
'1': Controller has changed response-time; reset to zero after a read access and after the next
sequencer run
[2] W_RESP:
'1': in case of incorrect response in value; reset to zero at sequencer-run (1)
[1] NO_RESP:
'1': in case of no response at all; timer is restarted automatically; reset to zero after a read
access
[0] RESP_TO_EARLY:
'1': Response before time window was opened; reset to zero at sequencer-run (1)
RESP_TO_EARLY = '1':
monitoring module has received a response before beginning of the time window and
therefore this was rejected. Reception of a response means "end of reception of
RESP_BYTE0" after the other response bytes (i.e. RESP_BYTE3, RESP_BYTE2,
RESP_BYTE1 - in this order!) have been received.
NO_RESP = '1':
monitoring module has received no response at all or a response too late after the
time window already closed. However, a response too late might be read as
RESP_TO_EARLY, as too late a response is at the same time too early a response
concerning the next WDG cycle. This results in the NO_RESP monitoring being
overwritten by a RESP_TO_EARLY monitoring.
This means that no "end of reception of RESP_BYTE0" was detected before the end
of the time window - neither during the time window nor before beginning of the time
window. (Remember: RESP_BYTE0 is the last of four response bytes!)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com