Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 125 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 125 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 121Page - STMicroelectronics L9779WD Datasheet HTML 122Page - STMicroelectronics L9779WD Datasheet HTML 123Page - STMicroelectronics L9779WD Datasheet HTML 124Page - STMicroelectronics L9779WD Datasheet HTML 125Page - STMicroelectronics L9779WD Datasheet HTML 126Page - STMicroelectronics L9779WD Datasheet HTML 127Page - STMicroelectronics L9779WD Datasheet HTML 128Page - STMicroelectronics L9779WD Datasheet HTML 129Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 170 page
background image
DocID027452 Rev 5
125/170
L9779WD
Functional description
169
6.17.5
MicroSecond Channel activity watchdog
MSC data frames are monitored to be sent in intervals shorter than tMSC_mon. If L9779WD
receives no valid data frame for longer than tMSC_mon, it will switch off all the drivers and
the error flag (TRANS_F) and OUT_DIS will be set.
The MRD and OUT13, 14, 21 and 25 (if low battery function is enabled) are not disabled by
missing activity on MSC.
No reset request is sent to the smart reset function module.
To enable the outputs again, the µC has to read the TRANS_F and then send the command
START, and then outputs are reactivated with the first correct data frame. If the fault flag is
not cleared the START command is ignored.
By default the MicroSecond Channel activity watch dog is enabled and the monitoring time
will start after writing of the OUT_DIS bit by START command. Each time the L9779WD
receives a valid data frame the tMSC_on timer is reset. This means that micro controller can
drive the outputs only when the monitoring module is active.
To disable the MicroSecond Channel activity watch dog the µC have to set to 0 the bit
MSC_ACT_EN.
If the MSC frame has a wrong number of bit the flag TRANS_L is set but no action on
outputs is taken. The frame with wrong length is ignored.
Table 58. MicroSecond Channel activity watchdog
Symbol
Min
Typ
Max
Unit
tMSC_mon
100
142
185
µs
t1WD
-30%
0.9*t2WD
+30%
ms
-30%
0.8*t2WD
+30%
-
-30%
0.7*t2WD
+30%
-0-
t2WD
14
20
26
ms
35
50
65
59
70
91
70
100
130



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com