Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 127 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 127 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 123Page - STMicroelectronics L9779WD Datasheet HTML 124Page - STMicroelectronics L9779WD Datasheet HTML 125Page - STMicroelectronics L9779WD Datasheet HTML 126Page - STMicroelectronics L9779WD Datasheet HTML 127Page - STMicroelectronics L9779WD Datasheet HTML 128Page - STMicroelectronics L9779WD Datasheet HTML 129Page - STMicroelectronics L9779WD Datasheet HTML 130Page - STMicroelectronics L9779WD Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 170 page
background image
DocID027452 Rev 5
127/170
L9779WD
Functional description
169
6.18
Serial interface
The L9779WD offers the possibility to communicate with a µC using the MicroSecond
Channel (MSC).
The serial communication is used:
to set the parameter
to read diagnosis
to activate, to deactivate and to use the low side drivers
to activate test mode (ST reserved).
6.18.1
MSC interface
Communication with the microcontroller is done via MSC i.e.MicroSecond Channel;
equivalent to µsec-bus 2nd generation.
Downstream communication is data or command sent by µC and received by L9779WD.
Upstream communication is data sent by the L9779WD and received by µC.
The MicroSecond Channel (MSC) interface provides a serial communication link typically
used to connect peripheral devices with a micro controller. The serial communication link is
built up by a fast synchronous downstream channel (with differential inputs and differential
clock) and a slow synchronous upstream channel.
Differential inputs for downstream data are pins [DIP] and [DIN]; the differential input signal
[DIP]-[DIN] is referred to as DI. The clock pins are [CLP] and [CLN], the differential clock
[CLP]-[CLN] is referred to as CL. There is an internal resistor between pins [DIP] and [DIN] -
and between [CLP] and [CLN].
There is one input for chip select at pin [EN], and one output for upstream data at pin [DO].
L9779WD always is the slave in this communication link. These pins are single-ended.
Multiple power devices with MSC on downstream are possible. Downstream device is
selected by EN.
MSC uses normal polarity for DI, CLK, and DO: a logic '1' is a 'high level' and a logic '0' is a
'low level'.
MSC uses inverted polarity for EN: a logic '1' is a 'low level' and a logic '0' is a 'high level'.
By this way it is possible to drive multiple power devices with shared CL and DI lines and
individual EN signal.
The maximum downstream clock rate is CL = 40MHz. Upstream is done with a lower clock
rate fSDO, selectable by the microcontroller; after a reset the upstream clock rate is
fSDO = CL/64.
The upstream clock is synchronous with CL since it is derived from a clock divider.
Therefore the CL signal must always be running independently whether a downstream
transmission is running or not.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com