Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 121 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 121 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 117Page - STMicroelectronics L9779WD Datasheet HTML 118Page - STMicroelectronics L9779WD Datasheet HTML 119Page - STMicroelectronics L9779WD Datasheet HTML 120Page - STMicroelectronics L9779WD Datasheet HTML 121Page - STMicroelectronics L9779WD Datasheet HTML 122Page - STMicroelectronics L9779WD Datasheet HTML 123Page - STMicroelectronics L9779WD Datasheet HTML 124Page - STMicroelectronics L9779WD Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 170 page
background image
DocID027452 Rev 5
121/170
L9779WD
Functional description
169
6.17.4
Watchdog related MSC registers
MSC registers REQULO, REQUHI, RST_AB1_CNT, RESPTIME are defined as here below:
WDA is configured via MSC by writing MSC_RESPTIME register (WR_RESPTIME
command), which is read by RD_DATA7 in upstream.
WDA_RESPTIME is a read_only register, which is written by MSC_RESPTIME, that is to
allow proper internal re-synchronization. MSC_RESPTIME bits 5 down through to 0 are
automatically replicated into WDA_RESPTIME bit 5 down through to 0 respectively with less
than 200 ns latency. This register is read by RD_DATA8 in upstream.
MSC_RESPTIME (upstream data block 7, read command: RD_DATA7)
MSC_RESPTIME
MSC RESPONSE TIME
Address:
-
Type:
RW
Reset:
0000 0000b (reset source: Bit 7-0: RST, RST_PRL)
7
6
5
43210
INIT_WDR
CAN_TDI
RESPTIME5
RESPTIME4
RESPTIME3
RESPTIME2
RESPTIME1
RESPTIME0
RW
[7] INIT_WDR:
‚1': monitoring module reset enabled
‚0': monitoring module reset disabled
locked by command LOCK
[6] CAN_TDI: '1': disable transmission if WDA_INT active
locked by command LOCK
[5-0] RESPTIME (5-0): Response-time = (1+ 101*RESPTIME(5-0)) * 1/f_clk with f_clk = 64 kHz if
CONFIG6 bit 1 is High, else f_clk=39kHz
The error counter is incremented by one on a controller write access to this register!
not locked by command LOCK
<RESPTIME(5..0)> may be written by the command WR_RESPTIME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com