Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 159 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 159 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 155Page - STMicroelectronics L9779WD Datasheet HTML 156Page - STMicroelectronics L9779WD Datasheet HTML 157Page - STMicroelectronics L9779WD Datasheet HTML 158Page - STMicroelectronics L9779WD Datasheet HTML 159Page - STMicroelectronics L9779WD Datasheet HTML 160Page - STMicroelectronics L9779WD Datasheet HTML 161Page - STMicroelectronics L9779WD Datasheet HTML 162Page - STMicroelectronics L9779WD Datasheet HTML 163Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 170 page
background image
DocID027452 Rev 5
159/170
L9779WD
Functional description
169
DIA_REG9
Diagnostic register 9
Address:
0011b
Type:
Reset:
7
654
32
10
KEY_ON_
STATUS
MRD_OVC
VRS_STAT
VRS_DIAG
VTRK2_DIAG[1:0]
VTRK1_DIAG[1:0]
R/W
[7] KEY_ON_STATUS
1: KEY_ON voltage above KEY_ON_H
0: KEY_ON voltage below KEY_ON_L
[6] MRD_OVC
1: Current MRD status is OFF due to previous Over current
0: Current MRD status is ON (no OVC detected)
[5] VRS_STAT
1: Diag ON
0: Diag OFF
[4] VRS_DIAG
0: No Fault
1: Generic fault detected
This function is only available if VRS is set to fully adaptive mode. When limited adaptive mode
is set, VRS_DIAG always returns 0.
[3-2] VTRK2_DIAG[1:0]: Diagnosis bit of VTRK2
00: Not used
01: Overload condition/out of regulation
10: Overvoltage (OV) or over temperature (OT) (Lower priority respect to Overload condition)
11: Sensor supply VTRK ok
NO FAIL
[1-0] VTRK1_DIAG[1:0]: Diagnosis bit of VTRK1
00: Not used
01: Overload condition/out of regulation
10: Overvoltage (OV) or over temperature (OT) (Lower priority respect to overload condition)
11: Sensor supply VTRK OK
NO FAIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com