Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 163 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 163 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 159Page - STMicroelectronics L9779WD Datasheet HTML 160Page - STMicroelectronics L9779WD Datasheet HTML 161Page - STMicroelectronics L9779WD Datasheet HTML 162Page - STMicroelectronics L9779WD Datasheet HTML 163Page - STMicroelectronics L9779WD Datasheet HTML 164Page - STMicroelectronics L9779WD Datasheet HTML 165Page - STMicroelectronics L9779WD Datasheet HTML 166Page - STMicroelectronics L9779WD Datasheet HTML 167Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 170 page
background image
DocID027452 Rev 5
163/170
L9779WD
Functional description
169
Control registers CONTR1 to 4
Control registers are written with the data frame. (Remember: D1 is the second least bit of
the data frame - the LSB D0 is the "data selection bit" with D0='0'. The bit D0 is the first bit
received by the L9779WD on the downstream channel in a data frame!).
They control the output stages OUT1…10, OUT13…20, OUT21…28 and IGNn.
CMD = 1 OUTPUT ONCMD = 0 OUTPUT OFF
CONTR_REG1
Control register 1
Address:
Type:
Via DATA frame
Reset:
0000 0000 (ALL outputs switched OFF)
76
543
2
1
0
CMD_OUT1
CMD_OUT2
CMD_OUT3
CMD_OUT4
CMD_OUT5
CMD_OUT20
CMD_OUT8
CMD_OUT19
R/W
[7] CMD_OUT1
1: OUT1 - Power stage switched ON
0: OUT1 - Power stage switched OFF
[6] CMD_OUT2
1: OUT2 - Power stage switched ON
0: OUT2 - Power stage switched OFF
[5] CMD_OUT3
1: OUT3 - Power stage switched ON
0: OUT3 - Power stage switched OFF
[4] CMD_OUT4
1: OUT4 - Power stage switched ON
0: OUT4 - Power stage switched OFF
[3] CMD_OUT5
1: OUT5 - Power stage switched ON
0: OUT5 - Power stage switched OFF
[2] CMD_OUT20
1: OUT20 - Power stage switched ON
0: OUT20 - Power stage switched OFF
[1] CMD_OUT8
1: OUT8 - Power stage switched ON
0: OUT8 - Power stage switched OFF
[0] CMD_OUT19
1: OUT19 - Power stage switched ON
0: OUT19 - Power stage switched OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com