Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 162 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 162 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 158Page - STMicroelectronics L9779WD Datasheet HTML 159Page - STMicroelectronics L9779WD Datasheet HTML 160Page - STMicroelectronics L9779WD Datasheet HTML 161Page - STMicroelectronics L9779WD Datasheet HTML 162Page - STMicroelectronics L9779WD Datasheet HTML 163Page - STMicroelectronics L9779WD Datasheet HTML 164Page - STMicroelectronics L9779WD Datasheet HTML 165Page - STMicroelectronics L9779WD Datasheet HTML 166Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 170 page
background image
Functional description
L9779WD
162/170
DocID027452 Rev 5
DIA_REG12
Diagnostic register 12
Address:
0000b
Type:
Reset:
Note: the DIA_REG12 is read by READ_DATA 7 but reset by READ_DATA5.
Bit4 and bit5 are usable when power-latch enable bit in CONF6 Bit 5 is set to 0. SEO
Flags are set to 1 after delay if KEY_ON is low or if a WDA event occurs with CONF6
Bit 5 already set to 0. In the latter case the KEY_ON may be high but SEO bits are
nevertheless set.
7
654
32
10
SEO OUT1-4
SEO OUT13-14
RESERVED
KEY_ON_FLT
[7] VDDIO_UNDERVOLTAGE:
It goes to 1, if VDDIO undervoltage longer than 225 ms
[6] WDG_RST latched:
1: WDA has generated a RST event
0: no event
[5] SEO event when the OUT1-4 are switched off after 225 ms
[4] SEO event when the OUT13-14 after 600ms when KEY is OFF
[3] WDG_RST not latched:
1: WDA has generated a RST event
0: no event
[2:1] RESERVED: not used
[0] KEY_ON_FLT: Key on after filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com