Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9779WD Datasheet(PDF) 168 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 168 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 162Page - STMicroelectronics L9779WD Datasheet HTML 163Page - STMicroelectronics L9779WD Datasheet HTML 164Page - STMicroelectronics L9779WD Datasheet HTML 165Page - STMicroelectronics L9779WD Datasheet HTML 166Page - STMicroelectronics L9779WD Datasheet HTML 167Page - STMicroelectronics L9779WD Datasheet HTML 168Page - STMicroelectronics L9779WD Datasheet HTML 169Page - STMicroelectronics L9779WD Datasheet HTML 170Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 168 / 170 page
background image
Package information
L9779WD
168/170
DocID027452 Rev 5
Table 75. HiQUAD-64 package mechanical data
Ref
Dimensions
Millimeters
Inches(1)
1. Values in inches are converted from mm and rounded to 4 decimal digits.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
-
-
3.15
-
-
0.1240
A1
0
-
0.25
0
-
0.0098
A2
2.50
-
2.90
0.0984
-
0.1142
A3
0
-
0.10
0
-
0.0039
b
0.22
-
0.38
0.0087
-
0.0150
c
0.23
-
0.32
0.0091
-
0.0126
D(2)
2. Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed
0.15mm (.006inc.).
17.00
-
17.40
0.6693
-
0.6850
D1
13.90
14.00
14.10
0.5472
0.5512
0.5551
D2
2.65
2.80
2.95
0.1043
0.1102
0.1161
E
17.00
-
17.40
0.6693
-
0.6850
E1(1)
13.90
14.00
14.10
0.5472
0.5512
0.5551
E2
2.35
-
2.65
0.0925
-
0.1043
E3
9.30
9.50
9.70
0.3661
0.3740
0.3819
E4
13.30
13.50
13.70
0.5236
0.5315
0.5394
e
-
0.65
-
-
0.0256
-
F
-
0.12
-
-
0.0047
-
G
-
0.10
-
-
0.0039
-
L
0.80
-
1.10
0.0315
-
0.0433
N
-
-
10°
-
-
10°
s
0°
-
7°
0°
-
7°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com