Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 185 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 185 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 181Page - Cypress Semiconductor BCM4354 Datasheet HTML 182Page - Cypress Semiconductor BCM4354 Datasheet HTML 183Page - Cypress Semiconductor BCM4354 Datasheet HTML 184Page - Cypress Semiconductor BCM4354 Datasheet HTML 185Page - Cypress Semiconductor BCM4354 Datasheet HTML 186Page - Cypress Semiconductor BCM4354 Datasheet HTML 187Page - Cypress Semiconductor BCM4354 Datasheet HTML 188Page - Cypress Semiconductor BCM4354 Datasheet HTML 189Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 192 page
background image
Package Information
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 184
Section 22: Package Information
Package Thermal Characteristics
The information in Table 62 and Table 63 is based on the following conditions:
• No heat sink, TA = 70°C. This is an estimate, based on a 4-layer PCB that conforms to EIA/JESD51–7
(101.6 mm × 101.6 mm × 1.6 mm) and P = 1.53W continuous dissipation.
• Absolute junction temperature limits are maintained through active thermal monitoring and driver-based
techniques that may include duty-cycle limiting or turning off one of the TX chains, or both.
Table 62: WLCSP Package Thermal Characteristics
Characteristic
WLCSP
θJA (°C/W) (value in still air)
26.86
θJB (°C/W)
2.23
θJC (°C/W)
1.09
JT (°C/W)
2.48
JB (°C/W)
11.61
Maximum Junction Temperature Tj (°C)
125
Maximum Power Dissipation (W)
1.53
Table 63: WLBGA Package Thermal Characteristics
Characteristic
WLBGA
θJA (°C/W) (value in still air)
26.80
θJB (°C/W)
1.66
θJC (°C/W)
1.16
JT (°C/W)
1.85
JB (°C/W)
7.93
Maximum Junction Temperature Tj (°C)
125
Maximum Power Dissipation (W)
1.53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com