Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM4354 Datasheet(PDF) 186 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 186 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 182Page - Cypress Semiconductor BCM4354 Datasheet HTML 183Page - Cypress Semiconductor BCM4354 Datasheet HTML 184Page - Cypress Semiconductor BCM4354 Datasheet HTML 185Page - Cypress Semiconductor BCM4354 Datasheet HTML 186Page - Cypress Semiconductor BCM4354 Datasheet HTML 187Page - Cypress Semiconductor BCM4354 Datasheet HTML 188Page - Cypress Semiconductor BCM4354 Datasheet HTML 189Page - Cypress Semiconductor BCM4354 Datasheet HTML 190Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 192 page
background image
Junction Temperature Estimation and PSIJT Versus ThetaJC
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 185
Junction Temperature Estimation and PSIJT Versus ThetaJC
The package thermal characterization parameter PSIJT (JT) yields a better estimation of actual junction
temperature (TJ) than using the junction-to-case thermal resistance parameter ThetaJC (θJC). The reason for
this is that θJC is based on the assumption that all the power is dissipated through the top surface of the package
case. In actual applications, however, some of the power is dissipated through the bottom and sides of the
package.
JT takes into account the power dissipated through the top, bottom, and sides of the package. The
equation for calculating the device junction temperature is:
TJ = TT + P x JT
Where:
•TJ = Junction temperature at steady-state condition (°C)
•TT = Package case top center temperature at steady-state condition (°C)
• P = Device power dissipation (Watts)
•
JT = Package thermal characteristics; no airflow (°C/W)
Environmental Characteristics
For environmental characteristics data, see Table 30: “Environmental Ratings,” on page 126.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com