Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8231 Datasheet(PDF) 119 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 119 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 115Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 116Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 117Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 118Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 119Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 120Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 121Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 122Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 123Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-113-
Function 5 & 6 Registers - AC97 Audio & Modem Codecs
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
I/O Offset 40 – 3D Channel SGD Status.......................RWC
7
SGD Active (0 = completed or terminated)........RO
6-3
Reserved
........................................ always reads 0
2
SGD Stopped ........................................................RO
1
SGD EOL
......................................................RWC
0
SGD Flag
......................................................RWC
I/O Offset 41 – 3D Channel SGD Control .......................RW
7
SGD Trigger ........................... WO (always reads 0)
0
No effect
1
Trigger SGD Operation
6
SGD Terminate ...................... WO (always reads 0)
0
No effect
1
Terminate SGD Operation
5
Auto Restart
0
Stop SGD Operation at EOL
1
Restart SGD Operation at EOL
4SGD Pause
0
Release SGD pause and resume the transfer
from the paused line
1
Pause SGD read operation (SGD pointer stays
at the current address)
3-2
Reserved
........................................ always reads 0
1
Interrupt on EOL @ End of Block
0
Disable ...................................................default
1Enable
0
Interrupt on FLAG @ End-of-Blk
0
Disable ...................................................default
1Enable
I/O Offset 42 – 3D Channel SGD Format .......................RW
7PCM Format
0
8-bit .....................................................default
1
16-bit
6-4
# of Channels
000 -invalid- ..................................................default
001 One channel
010 Two channels
011 Three channels
100 Four channels
101 Five channels
110 Six channels
111 -invalid-
3-0
Reserved
........................................ always reads 0
I/O Offset 43 – Scratch .....................................................RW
7-0
No Assigned Hardware Function
I/O Offset 47-44 – 3D Channel SGD Table Pointer ....... RW
31-0 SGD Table Pointer Base Address (even addr) .... W
Current Pointer Address ....................................... R
I/O Offset 4B-48 – 3D Channel SGD Slot-Select............ RW
31-24 Stop Index (SGD operation will stop at end of entry)
23-20 Slot 9 Data Select
0000 No data assigned to slot 9
0001 1
st data in the sample is assigned to slot9
0010 2
nd data in the sample is assigned to slot9
0011 3
rd data in the sample is assigned to slot9
0100 4
th data in the sample is assigned to slot9
0101 5
th data in the sample is assigned to slot9
0110 6
th data in the sample is assigned to slot9
0111 -invalid-
1xxx -invalid-
19-16 Slot 6 Data Select
15-12 Slot 8 Data Select
11-8 Slot 7 Data Select
7-4
Slot 4 Data Select
3-0
Slot 3 Data Select
I/O Offset 4F-4C – 3D Channel SGD Current Count..... RO
31-24 Current SGD Index
23-0 Current SGD Count



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com