Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8231 Datasheet(PDF) 116 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 116 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 112Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 113Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 114Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 115Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 116Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 117Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 118Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 119Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 120Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-110-
Function 5 & 6 Registers - AC97 Audio & Modem Codecs
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Function 5 & 6 Codec-Specific Configuration Registers
Offset 40 – AC97 Interface Status ....................................RO
7-5
Reserved
........................................ always reads 0
4
AC97 Codec Low-Power Status..........................RO
0
AC97 Codec not in low-power mode
1
AC97 Codec in low-power mode
3
Reserved
........................................ always reads 0
2
Secondary Codec 2 (CID=10b) Ready Status ....RO
0
Codec Not Ready
1
Codec Ready (AC97 ctrlr can access codec)
1
Secondary Codec 1 (CID=01b) Ready Status ....RO
0
Codec Not Ready
1
Codec Ready (AC97 ctrlr can access codec)
0
Primary Codec Ready Status ..............................RO
0
Codec Not Ready
1
Codec Ready (AC97 ctrlr can access codec)
Offset 41 – AC Link Interface Control ........................... RW
7
AC-Link Interface Enable (ENAC97)
0
Disable................................................... default
1Enable
6
AC-Link Reset (ACRST#)
0
Assert AC-Link Reset ............................ default
1
De-assert AC-Link Reset
5
AC-Link Sync (RSYNCHI)
0
Release SYNC ....................................... default
1
Force SYNC High
4
AC-Link Serial Data Out
0
Release SDO.......................................... default
1
Force SDO High
Function 5 Only (Reserved in Function 6):
3
Variable-Sample-Rate On-Demand Mode
0
Disable................................................... default
1Enable
Bit valid in function 5 only (reserved in function 6)
2
AC Link SGD Read Channel PCM Data Output
0
Disable................................................... default
1Enable
Bit valid in function 5 only (reserved in function 6)
1
AC Link FM Channel PCM Data Out (SELFM)
0
Disable................................................... default
1Enable
Bit valid in function 5 only (reserved in function 6)
0
AC Link SB PCM Data Output (SELSB)
0
Disable................................................... default
1Enable
Bit valid in function 5 only (reserved in function 6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com